Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 40 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 40 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 36Page - Emerson Network Power GLQ110 Datasheet HTML 37Page - Emerson Network Power GLQ110 Datasheet HTML 38Page - Emerson Network Power GLQ110 Datasheet HTML 39Page - Emerson Network Power GLQ110 Datasheet HTML 40Page - Emerson Network Power GLQ110 Datasheet HTML 41Page - Emerson Network Power GLQ110 Datasheet HTML 42Page - Emerson Network Power GLQ110 Datasheet HTML 43Page - Emerson Network Power GLQ110 Datasheet HTML 44Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
GLS200-M Series Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions.
P/N: A272-197 Rev 0 5/11/09 Ref: 03366205860
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C. Derate
each output 2.5% per degree from 50°C to 70°C ambient temperature.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, CSA22.2 No. 60950-1-03, UL60601-1, EN60601-1,
IEC60601-1, and CSA22.2 No. 601.1. The safety requirements include creepage
distances, clearances, and distance through insulation between primary wiring and
earth or secondary (SELV) wiring.
3. The ac-dc input connector is approved as a component of the power supply, however, it
was not specifically evaluated to IEC60320.
4. This power supply is approved and certified for the rated voltage range of 100 V ac to
250 V ac and/or 120 V dc minimum to 300 V dc maximum.
5. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
6. The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
7. The disconnection from the line must be in the end system.
8. Hazardous voltages exist in the primary circuits. Disconnect power supply before
servicing.
9. When operating with a dc input voltage range, the unit must be protected by a dc rated
fuse in the end-use installation system.
10. The internal fuses (F1 & F2) should only be replaced with a F5AH, 250 V ac, type 50CF
manufactured by Hollyland or type 216005.MXEP manufactured by Littelfuse.
NOTE: The power supply has a fuse on the neutral line.
11. The power supply has no patient applied part.
12. This equipment is considered Class I according to protection against electric shock.
13. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
14. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or send
an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for addi-
tional product information and specification sheets.
Output Ratings
Model
Output Voltage
(V)
Convection Cooling
30 CFM Forced Air Cooling
Max. Output
Current (A)
Max. Output
Power (W)
Max. Output
Current (A)
Max. Output
Power (W)
GLS202-M
+5
20.0
100
40.0
200
+12_FAN
0.5
1.0
GLS203-M
+12
10.4
125
20.83
250
+12_FAN
0.5
1.0
GLS204-M
+15
8.3
16.6
+12_FAN
0.5
1.0
GLS205-M
+24
5.2
10.4
+12_FAN
0.5
1.0
GLS208-M
+48
2.6
5.2
+12_FAN
0.5
1.0
Connector PIN Designation
Input Connector
PIN
Designation
SK1
Neutral
Line
P1
Earth GND
Output Connector
PIN
Designation
SK2
-
Common
+
Main output
SK3
1
+Remote sense
2
-Remote sense
3
N/C
4
N/C
5
Power fail
6
Common
7
N/C
8
Common
9
+12 V_FAN
10
+12 V_FAN return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com