Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 87 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 87 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 83Page - Emerson Network Power GLQ110 Datasheet HTML 84Page - Emerson Network Power GLQ110 Datasheet HTML 85Page - Emerson Network Power GLQ110 Datasheet HTML 86Page - Emerson Network Power GLQ110 Datasheet HTML 87Page - Emerson Network Power GLQ110 Datasheet HTML 88Page - Emerson Network Power GLQ110 Datasheet HTML 89Page - Emerson Network Power GLQ110 Datasheet HTML 90Page - Emerson Network Power GLQ110 Datasheet HTML 91Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
GLT50 Series, GLT50-M Series Installation & Operating Instructions
P/N: A272-186 Rev 1 01/11/10 Ref: LPT52/OP, LPT53/OP, LPT54/OP
Installation & Safety
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03 for GLT52, GLT53, and
GLT54; UL60601-1, EN60601-1, IEC60601-1, and CSA22.2 No. 60601-1-M90 for
GLT52-M, GLT53-M, and GLT54-M. The safety requirements include creepage
distances, clearances, and distance through insulation between primary wiring and
earth or secondary (SELV) wiring.
3. This power supply is approved and certified for the rated voltage range of 100 V ac to
240 V ac.
4. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5. The disconnection from the line must be in the end system.
6. The internal fuse should only be replaced with a T2.5AL, 250 V ac, type 392 manufac-
tured by Wickmann.
NOTE: The power supply has a fuse on the neutral line for GLT52-M, GLT53-M, and
GLT54-M.
7. GLT52-M, GLT53-M, and GLT54-M have no patient applied part.
8. This equipment is considered Class I according to protection against electric shock.
9. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or send an
e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for additional
product information and specification sheets.
Output Ratings
Model
OutputVoltage(V)
ConvectionCooling
Max.OutputCurrent(A) Max.OutputPower(W)
GLT52(-M)
+5
8.0
55
+12
3.0
-12
0.5
GLT53(-M)
+5
8.0
+15
2.4
-15
0.5
GLT54(-M)
+5
8.0
+24
1.5
+12
0.5
Connector PIN Designation
InputConnector
PIN
GLT52(-M)
GLT53(-M)
GLT54(-M)
SK1
1
Neutral
3
Line
OutputConnector
PIN
GLT52(-M)
GLT53(-M)
GLT54(-M)
SK2
1
+5 V
2
+5 V
3
Common
4
Common
5
-12 V
-15 V
+12 V
6
+12 V
+15 V
+24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com