Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 94 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 94 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 90Page - Emerson Network Power GLQ110 Datasheet HTML 91Page - Emerson Network Power GLQ110 Datasheet HTML 92Page - Emerson Network Power GLQ110 Datasheet HTML 93Page - Emerson Network Power GLQ110 Datasheet HTML 94Page - Emerson Network Power GLQ110 Datasheet HTML 95Page - Emerson Network Power GLQ110 Datasheet HTML 96Page - Emerson Network Power GLQ110 Datasheet HTML 97Page - Emerson Network Power GLQ110 Datasheet HTML 98Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
GLT60 Series, GLT60-M Series Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-199 Rev 0 5/12/09 Ref: 03361001433/03366200111/03366200551
To comply with the published safety standards, the following must be observed when using
this power supply:
1.
Maximum ambient temperature for the power supply must not exceed 50°C.
2.
When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03 for GLT62, GLT63, GLT64,
and GLT65; UL60601-1, EN60601-1, IEC60601-1, and CSA22.2 No. 60601-1-M90 for
GLT62-M and GLT63-M. The safety requirements include creepage distances, clear-
ances, and distance through insulation between primary wiring and earth or secondary
(SELV) wiring.
3.
The power supply’s rated input voltage is automatically selected for GLT62, GLT63,
and GLT64. Please refer to the specification sheet for the input voltage range.
GLT65, GLT62-M, and GLT63-M are approved and certified for the rated voltage range
of 100 V ac to 250 V ac and/or 140 V dc to 300 V dc.
4.
The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5.
The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
6.
The disconnection from the line must be in the end system.
7.
Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
8.
When operating with a dc input voltage range, the unit input must be protected by a dc
rated fuse in the end-use installation system.
9.
The internal fuse should only be replaced with a 3.15 A, 250 V ac, type SP0001.1009
manufactured by Schurter AG, type 2163.15 manufactured by Littelfuse, or type S501
manufactured by Cooper.
10. This power supply is not suitable for direct contact to the patient.
11. This equipment is considered Class I according to protection against electric shock.
12. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
13. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or
send an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for
additional product information and specification sheets.
Mechanical Outline
R16
D16A
1
6
SK201
V Adj. Pot
SK2
GND
M1
M2
1
3
SK1
T1
Connector PIN Designation
Input Connector
PIN
GLT62 (-M)
GLT63 (-M)
GLT64
GLT65
SK1
1
Neutral
3
Line
Output Connector
PIN
GLT62 (-M)
GLT63 (-M)
GLT64
GLT65
SK2
1
+12 V
+15 V
+12 V
+24 V
2
+5 V
3
4
Common
5
6
-12 V
-15 V
-5 V
+12 V
SK201
1
+Sense
2
-Sense
NOTe: Mounting holes M1 and M2 should be grounded for EMI purposes. Mounting hole M1 is a safety ground connection.
Output Ratings
Model
Output
Voltage (V)
Convection Cooling
30 CFM Forced Air Cooling
Max. Output
Current (A)
Max. Output
Power (W)
Max. Output
Current (A)
Max. Output
Power (W)
GLT62 (-M)
+5
7.0
60
8.0
80
+12
3.0
3.5
-12
0.7
1.0
GLT63 (-M)
+5
7.0
8.0
+15
2.8
3.3
-15
0.7
1.0
GLT64
+5
7.0
8.0
+12
3.0
3.5
-5
0.7
1.0
GLT65
+5
7.0
8.0
+24
1.5
2.0
+12
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com