Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 83 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 83 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 79Page - Emerson Network Power GLQ110 Datasheet HTML 80Page - Emerson Network Power GLQ110 Datasheet HTML 81Page - Emerson Network Power GLQ110 Datasheet HTML 82Page - Emerson Network Power GLQ110 Datasheet HTML 83Page - Emerson Network Power GLQ110 Datasheet HTML 84Page - Emerson Network Power GLQ110 Datasheet HTML 85Page - Emerson Network Power GLQ110 Datasheet HTML 86Page - Emerson Network Power GLQ110 Datasheet HTML 87Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
GLT20 Series Specifications
Input
Input range
85-264 Vac; 120-300 Vdc
Frequency
47-440 Hz
Inrush current
<15 A peak @ 115 Vac; <30 A peak @ 230 Vac, cold start @ 25°C
Input current
1 A max. (RMS) @ 115 Vac
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted; CISPR 22 Class B conducted;
EN55022 Class B conducted; VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
25 W for convection; 40 W with 30 CFM forced air
Cross regulation
±2% on output 1; ±5% on outputs 2, 3
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 25 W load, 115 Vac nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110 -145% above peak rating
Overvoltage protection
5.7 to 6.7 Vdc on the main output
Minimum Load
0.3 A first output, 0.1 A second output: GLT22, GLT24, GLT25; 0.4A first output: GLT23
Remote Sense
Compensates for 0.5 V lead drop minimum;Will operate without remote sense connected.
Reverse connection protected.
Operating temperature
0° to 50°C ambient. Derate each output 2.5% per degree from 50° to 70°C, -20°C start up.
Storage temperature
-40°C to 85°C
Temperature coefficient
±.04% per °C
Electromagnetic
susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.75G peak 5 Hz to 500 Hz, operational
MTBF demonstrated
>550,000 hours at full load and 25°C ambient conditions
Power Derating Curve
Output
Power
(Watts)
0°C
10W
20W
30W
40W
10°C
20°C
30°C
40°C
50°C
60°C
70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
12.5W
25W
30 CFM Forced Air Cooling
Mating Connectors
AC Input
Molex 09-50-8031 (USA) Not required for (-T) option
09-91-0300 (UK); PINS: 08-52-0113
DC Outputs
Molex 09-50-8061 (USA) Not required for (-T) option
09-91-0600 (UK); PINS: 08-52-0113
Remote Sense Molex 22-01-2025; PINS: 08-52-0123
Connector Kit #70-841-006, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm).
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115 Vac input, 25°C unless otherwise stated.
6. Warranty: 2 year
7. Weight: 0.5lb/0.23kg
Power Derating Curve
Phone: (800) 377-4384
Email: tech@solahd.com
www.solahd.com
Electrical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com