Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 84 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 84 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 80Page - Emerson Network Power GLQ110 Datasheet HTML 81Page - Emerson Network Power GLQ110 Datasheet HTML 82Page - Emerson Network Power GLQ110 Datasheet HTML 83Page - Emerson Network Power GLQ110 Datasheet HTML 84Page - Emerson Network Power GLQ110 Datasheet HTML 85Page - Emerson Network Power GLQ110 Datasheet HTML 86Page - Emerson Network Power GLQ110 Datasheet HTML 87Page - Emerson Network Power GLQ110 Datasheet HTML 88Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
GLT40 Series, GLT40-M Series Installation & Operating Instructions
P/N: A272-181 Rev 1 01/06/10 Ref: 03361001284/03366200501
Installation & Safety
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03 for GLT42, GLT43, GLT44,
GLT45, and GLT46; UL60601-1, EN60601-1, IEC60601-1, and CSA22.2 No. 60601-1-
M90 for GLT42-M and GLT45-M. The safety requirements include creepage distances,
clearances, and distance through insulation between primary wiring and earth or
secondary (SELV) wiring.
3. The power supply’s rated input voltage is automatically selected. Please refer to the
specification sheet for the input voltage range.
4. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5. The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
6. Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
7. When operating with a dc input voltage range, the unit input must be protected by a dc
rated fuse in the end-use installation system.
8. The internal fuse should only be replaced with a 2.5 A, 250 V ac, type SP0001.1008
manufactured by Schurter AG or type 21602.5 manufactured by Littelfuse.
9. GLT42-M and GLT45-M have no patient applied part.
10. This equipment is considered Class I according to protection against electric shock.
11. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or send an
e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for additional
product information and specification sheets.
Mechanical Outline
SK2
3
1
SK1
M2
M1
1
2
3
4
5
6
Voltage
Adj. Pot
Connector PIN Designation
InputConnector
PIN
GLT42(-M)
GLT43
GLT44
GLT45(-M)
GLT46
SK1
1
Line
3
Neutral
OutputConnector
PIN
GLT42(-M)
GLT43
GLT44
GLT45(-M)
GLT46
SK2
1
+12 V
+15 V
+24 V
2
+5 V
3
4
Common
5
6
-12 V
-12 V
-5 V
-15 V
+12 V
SK201
1
+Sense
2
-Sense
NOTE:Mounting holes M1 and M2 should be grounded for EMI purposes. Mounting hole M1 is an earth ground connection.
Output Ratings
Model
Output
Voltage(V)
ConvectionCooling
30CFMForcedAirCooling
Max.Output
Current(A)
Max.OutputPower
(W)
Max.Output
Current(A)
Max.OutputPower
(W)
GLT42(-M)
+5
4.0
40
5.0
55
+12
2.0
2.5
-12
0.5
0.7
GLT43
+5
6.0
8.0
+12
0.5
0.7
-12
0.5
0.7
GLT44
+5
4.0
5.0
+12
2.0
2.5
-5
0.5
0.7
GLT45(-M)
+5
4.0
5.0
+15
2.0
2.5
-15
0.5
0.7
GLT46
+5
4.0
5.0
+24
1.0
1.5
+12
0.5
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com