Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 78 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 78 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 74Page - Emerson Network Power GLQ110 Datasheet HTML 75Page - Emerson Network Power GLQ110 Datasheet HTML 76Page - Emerson Network Power GLQ110 Datasheet HTML 77Page - Emerson Network Power GLQ110 Datasheet HTML 78Page - Emerson Network Power GLQ110 Datasheet HTML 79Page - Emerson Network Power GLQ110 Datasheet HTML 80Page - Emerson Network Power GLQ110 Datasheet HTML 81Page - Emerson Network Power GLQ110 Datasheet HTML 82Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 109 page
background image
GLS60 Series, GLS60-M Series Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-198 Rev 0 5/12/09 Ref: 03361001333/03366200541
To comply with the published safety standards, the following must be observed when using
this power supply:
1.
Maximum ambient temperature for the power supply must not exceed 50°C.
2.
When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03 for GLS62, GLS63, GLS64,
and GLS65; UL60601-1, EN60601-1, IEC60601-1, and CSA22.2 No. 60601-1-M90
for GLS63-M, GLS64-M, and GLS65-M. The safety requirements include creepage
distances, clearances, and distance through insulation between primary wiring and
earth or secondary (SELV) wiring.
3.
The power supply’s rated input voltage is automatically selected for GLS62, GLS63,
GLS64, and GLS65. Please refer to the specification sheet for the input voltage range.
GLS63-M, GLS64-M, and GLS65-M are approved and certified for the rated voltage
range of 100 V ac to 250 V ac and/or 140 V dc to 300 V dc.
4.
The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5.
The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
6.
The disconnection from the line must be in the end system.
7.
Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
8.
When operating with a dc input voltage range, the unit input must be protected by a dc
rated fuse in the end-use installation system.
9.
The internal fuse should only be replaced with a 3.15 A, 250 V ac, type SP0001.1009
manufactured by Schurter AG, type 2163.15 manufactured by Littelfuse, or type S501
manufactured by Cooper.
10. This power supply is not suitable for direct contact to the patient.
11. This equipment is considered Class I according to protection against electrick shock.
12. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
13. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or
send an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for
additional product information and specification sheets.
Mechanical Outline
R16
D16A
1
6
SK201
V Adj. Pot
SK2
GND
M1
M2
1
3
SK1
T1
Connector PIN Designation
Input Connector
PIN
GLS62
GLS63 (-M)
GLS64 (-M)
GLS65 (-M)
SK1
1
Neutral
3
Line
Output Connector
PIN
GLS62
GLS63 (-M)
GLS64 (-M)
GLS65 (-M)
SK2
1
+5 V
+12 V
+15 V
+24 V
2
3
4
Common
5
6
SK201
1
+Sense
2
-Sense
NOte: Mounting holes M1 and M2 should be grounded for EMI purposes. Mounting hole M1 is a safety ground connection.
Output Ratings
Model
Output
Voltage (V)
Convection Cooling
30 CFM Forced Air Cooling
Max. Output
Current (A)
Max. Output
Power (W)
Max. Output
Current (A)
Max. Output
Power (W)
GLS62
+5
12.0
60
16.0
80
GLS63 (-M)
+12
5.0
6.7
GLS64 (-M)
+15
4.0
5.3
GLS65 (-M)
+24
2.5
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com