Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 27 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 27 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 23Page - Emerson Network Power GLQ110 Datasheet HTML 24Page - Emerson Network Power GLQ110 Datasheet HTML 25Page - Emerson Network Power GLQ110 Datasheet HTML 26Page - Emerson Network Power GLQ110 Datasheet HTML 27Page - Emerson Network Power GLQ110 Datasheet HTML 28Page - Emerson Network Power GLQ110 Datasheet HTML 29Page - Emerson Network Power GLQ110 Datasheet HTML 30Page - Emerson Network Power GLQ110 Datasheet HTML 31Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
GLS110 Series Specifications
Input
Input range
85-264 Vac; 120-300 Vdc
Frequency
47-440 Hz
Inrush current
<18 A peak @ 115 Vac; <36 A peak @ 230 Vac, cold start @ 25°C
Input current
2.5 A max. (RMS) @ 115 Vac
Efficiency
70% typical at full load
EMI filter
Meets FCC Class B conducted; CISPR 22 Class B conducted;
EN55022 Class B conducted; VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
80 W for convection; 110 W with 30 CFM forced air
Adjustment range
±5% min.
Hold-up time
20 ms @ 80 W load, 115 Vac nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110 -145% above peak rating
Overvoltage protection
5 V output; 5.7 to 6.7 Vdc; Other outputs 10% to 20% above nominal output; Latching type, recycle AC to reset
Logic Control
Power failure
TTL logic signal goes high 50-150 msec after main output. It goes low at least 4 msec before loss of regulation.
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection protected.
Operating temperature
0° to 50°C ambient. Derate each output 2.5% per degree from 50° to 70°C
Storage temperature
-40°C to 85°C
Temperature coefficient
±0.04% per °C
Electromagnetic
susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min., 5 min. dwell at four major resonances 0.75G peak 5Hz to 500Hz, operational
MTBF demonstrated
>550,000 hours at full load and 25°C ambient conditions
Mating Connectors
AC Input
Molex 09-50-8051 (USA)
09-91-0500 (UK); PINS: 08-58-0111
DC Outputs
Molex 09-50-8091 (USA)
09-91-0900 (UK); PINS: 08-58-0111
Remote Sense/
Power Fail
Molex 22-01-1022 (USA)
22-01-1023 (UK); PINS: 08-50-0114
Connector Kit #70-841-007, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm).
3. Specifications are for convection rating at factory settings unless otherwise stated.
4. Mounting holes M1 and M2 should be grounded for EMI purposes.
5. Mounting hole M1 is safety ground connection.
6. L bracket mounting (6-32) maximum insertion depth is .20”.
7. Warranty: 2 year
8. Weight: 1.25 lbs/0.57 kg
Phone: (800) 377-4384
Email: tech@solahd.com
www.solahd.com
Electrical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com