Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 64 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 64 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 60Page - Emerson Network Power GLQ110 Datasheet HTML 61Page - Emerson Network Power GLQ110 Datasheet HTML 62Page - Emerson Network Power GLQ110 Datasheet HTML 63Page - Emerson Network Power GLQ110 Datasheet HTML 64Page - Emerson Network Power GLQ110 Datasheet HTML 65Page - Emerson Network Power GLQ110 Datasheet HTML 66Page - Emerson Network Power GLQ110 Datasheet HTML 67Page - Emerson Network Power GLQ110 Datasheet HTML 68Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
GLS50 Series, GLS50-M Series Installation & Operating Instructions
P/N: A272-176 Rev 2 01/11/10
Ref: LPS52/OP, LPS53/OP, LPS54/OP, LPS55/OP, LPS58/OP
Installation & Safety
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C. The power
supply has been evaluated for use in 70°C at half load (27.5) for GLS52 only; (30 W)
for GLS53, GLS54, GLS55, and GLS58 only.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03 for GLS52, GLS53, GLS54,
GLS55, and GLS58; UL60601-1, EN60601-1, IEC60601-1, and CSA22.2 No. 60601-
1-M90 for GLS52-M, GLS53-M, GLS54-M, GLS55-M, and GLS58-M. The safety
requirements include creepage distances, clearances, and distance through insulation
between primary wiring and earth or secondary (SELV) wiring.
3. This power supply is approved and certified for the rated voltage range of 100 V ac to
240 V ac.
4. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5. The disconnection from the line must be in the end system.
6. The internal fuse should only be replaced with a T3.15AH, 250 V ac, type TE5/392
manufactured by Wickmann.
NOTE: The power supply has a fuse on the neutral line for GLS52-M, GLS53-M,
GLS54-M, GLS55-M, and GLS58-M.
7. GLS52-M, GLS53-M, GLS54-M, GLS55-M, and GLS58-M have no patient applied part.
8. This equipment is considered Class I according to protection against electric shock.
9. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or send an
e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for additional
product information and specification sheets.
Output Ratings
Model
OutputVoltage(V)
ConvectionCooling
Max.OutputCurrent(A)
Max.OutputPower(W)
GLS52(-M)
+5
11.0
55
GLS53(-M)
+12
5.0
60
GLS54(-M)
+15
4.0
GLS55(-M)
+24
2.5
GLS58(-M)
+48
1.25
Connector PIN Designation
InputConnector
PIN
GLS52(-M) GLS53(-M) GLS54(-M) GLS55(-M) GLS58(-M)
SK1
1
Line
3
Neutral
OutputConnector
PIN
GLS52(-M) GLS53(-M) GLS54(-M) GLS55(-M) GLS58(-M)
SK2
1
+5 V
+12 V
+15 V
+24 V
+48 V
2
+5 V
+12 V
+15 V
+24 V
+48 V
3
Common
4
Common
5
-Sense
6
+Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com