Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 30 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 30 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 26Page - Emerson Network Power GLQ110 Datasheet HTML 27Page - Emerson Network Power GLQ110 Datasheet HTML 28Page - Emerson Network Power GLQ110 Datasheet HTML 29Page - Emerson Network Power GLQ110 Datasheet HTML 30Page - Emerson Network Power GLQ110 Datasheet HTML 31Page - Emerson Network Power GLQ110 Datasheet HTML 32Page - Emerson Network Power GLQ110 Datasheet HTML 33Page - Emerson Network Power GLQ110 Datasheet HTML 34Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
GLS120 Series Specifications
Input
Input range
85-264 Vac; 127-300 Vdc
Frequency
47-440 Hz
Inrush current
40 A max., cold start @ 25°C
Efficiency
80% typical at full load
EMI/RFI
FCC Class B conducted; CISPR 22 Class B conducted;
EN55022 Class B conducted; VDE 0878 PT3 Class B conducted
Power factor
0.99 typical
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
80 W for convection; 130 W with 30 CFM forced air
Adjustment range
±5% min. on the main outputs
Fan output
12 V @ 500 mA - 5%, +7%
Standby outputs
5 V @ 500 mA ± 5%
Hold-up time
20 ms @ 125 W load, 120 Vac input
Overload protection
Short circuit protection on all outputs
Case overload protected @ 120 -135% above rating
Overvoltage protection
20% to 35% above nominal output
Logic Control
Power failure
TTL logic signal goes high 100-500 msec after main output. It goes low at least 4 msec before loss of regulation.
Remote inhibit
Requires a contact closure to disable the outputs, except 5 V standby.
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection protected.
Operating temperature
0° to 50°C ambient. Derate each output as 2.5% per degree from 50° to 70°C. -20°C start up
Storage temperature
-40°C to 85°C
Electromagnetic
susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 95% RH
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF demonstrated
>550,000 hours at full load and 25°C ambient conditions
Mating Connectors
(SK1) AC Input
Molex 09-50-8031; PINS: 08-52-0113
(SK2) DC Outputs
Molex 19141-0058/0063 Spade lug
(SK3)Control Signals Molex 90142-0010 (USA); PINS: 90119-2110 or
Amp: 87977-3; PINS: 87309-8
Connector Kit #70-841-020, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm).
3. Specifications are for convection rating at factory settings at 115 Vac input 25°C ,unless otherwise stated.
4. Mounting holes MH1, MH2 and MH3 should be grounded for EMI purposes.
5. Mounting MH1 is safety ground connection.
6. This power supply requires mounting on metal standoffs 0.20” (5m) in height.
7. Warranty: 2 year
8. Weight: 0.71 lb/0.32 kg
Phone: (800) 377-4384
Email: tech@solahd.com
www.solahd.com
Electrical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com