Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 34 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 34 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 30Page - Emerson Network Power GLQ110 Datasheet HTML 31Page - Emerson Network Power GLQ110 Datasheet HTML 32Page - Emerson Network Power GLQ110 Datasheet HTML 33Page - Emerson Network Power GLQ110 Datasheet HTML 34Page - Emerson Network Power GLQ110 Datasheet HTML 35Page - Emerson Network Power GLQ110 Datasheet HTML 36Page - Emerson Network Power GLQ110 Datasheet HTML 37Page - Emerson Network Power GLQ110 Datasheet HTML 38Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
GLS170 Series, GLS170-M Series Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-191 Rev 0 3/13/09 Ref: 03366202050/LPS173/OP/03366202230/03366202241
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C. Derate
each output 2.5% per degree from 50°C to 70°C ambient temperature for GLS174 and
GLS175.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03 for GLS172, GLS173,
GLS174, and GLS175; UL60601-1, EN60601-1, IEC60601-1, and CSA22.2 No.
60601-1-M90 for GLS172-M, GLS173-M, GLS174-M, and GLS175-M. The safety
requirements include creepage distances, clearances, and distance through insulation
between primary wiring and earth or secondary (SELV) wiring.
3. The ac-dc input connector is approved as a component of the power supply, however, it
was not specifically evaluated to IEC60320.
4. This power supply is approved and certified for the rated voltage range of 100 V ac to
250 V ac and/or 120 V dc (minimum) to 300 V dc (maximum).
5. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
6. The disconnection from the line must be in the end system.
7. Hazardous voltages exist in the primary circuits. Disconnect power supply before
servicing.
8. When operating with a dc input voltage range, the unit input must be protected by a dc
rated fuse in the end-use installation system.
9. The internal fuse (F1) should only be replaced by a 4A, 250 V ac, type GDA-V/S501
manufactured by Bussmann, type 226004 manufactured by Littelfuse, or type 19194
manufactured by Wickmann.
10. The power supply has no patient applied part.
11. This equipment is considered Class I according to protection against electric shock.
12. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
13. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or send
an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for addi-
tional product information and specification sheets.
Output Ratings
Model
Output Voltage
(V)
Convection Cooling
30 CFM Forced Air Cooling
Max. Output
Current (A)
Max. Output
Power (W)
Max. Output
Current (A)
Max. Output
Power (W)
GLS172 (-M)
+2.5 to +6
22.0 without cover
15.0 with cover
110 without
cover
75 with cover
35.0
175 with and
without cover
+5 VSTBY
1.0
2.0
+12 (FAN_OUT)
0.5
1.0
GLS173 (-M)
+6 to +12
9.1 without cover
6.25 with cover
15.0
180 with and
without cover
+5 VSTBY
1.0
2.0
+12 (FAN_OUT)
0.5
1.0
GLS174 (-M)
+12 to +24
7.3 without cover
5.33 with cover
12.0
+5 VSTBY
1.0
2.0
+12 (FAN_OUT)
0.5
1.0
GLS175 (-M)
+24 to +54
4.58 without cover
3.125 with cover
7.5
+5 VSTBY
1.0
2.0
+12 (FAN_OUT)
0.5
1.0
Connector PIN Designation
Input Connector
PIN
Designation
SK4
1
Earth GND
3
Line
5
Neutral
Output Connector
PIN
Designation
SK1
1
+12 V (FAN_OUT)
2
+5 VSTBY
3
Common
4
V1 SWP (Single wire parallel)
5
Common
6
+V1 sense
7
Sense common
8
Remote inhibit
9
DC OK
10
P OK
SK3
TB-1
Common
TB-2
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com