Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 13 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 13 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 9Page - Emerson Network Power GLQ110 Datasheet HTML 10Page - Emerson Network Power GLQ110 Datasheet HTML 11Page - Emerson Network Power GLQ110 Datasheet HTML 12Page - Emerson Network Power GLQ110 Datasheet HTML 13Page - Emerson Network Power GLQ110 Datasheet HTML 14Page - Emerson Network Power GLQ110 Datasheet HTML 15Page - Emerson Network Power GLQ110 Datasheet HTML 16Page - Emerson Network Power GLQ110 Datasheet HTML 17Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
GLQ172 Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-192 Rev 0 6/1/09 Ref: 03366202130
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03; including the requirements
for creepage distances, clearances, and distance through insulation between primary
wiring and earth or secondary (SELV) wiring.
3. The ac-dc input connector is approved as a component of the power supply, however, it
was not specifically evaluated to IEC60320.
4. This power supply is approved and certified for the rated voltage range of 100 V ac to
250 V ac and/or 120 V dc (minimum) to 300 V dc (maximum).
5. The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
6. The disconnection from the line must be in the end system.
7. When operating with a dc input voltage range, the dc source must be rectified from a
mains supply not exceeding 250 V ac. The unit input must also be protected by a dc
rated fuse in the end-use installation system.
8. The internal fuse (F1) should only be replaced by a 4 A, 250 V ac, type GDA-V/S501
manufactured by Bussman, type 19194 manufactured by Wickmann, or type 226004
manufactured by Littelfuse.
9. This equipment is considered Class I according to protection against electric shock.
10. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
11. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or send
an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for addi-
tional product information and specification sheets.
Output Ratings
Output Voltage (V)
Convection Cooling
30 CFM Forced Air Cooling
Max. Output
Current (A)
Max. Output
Power (W)
Max. Output
Current (A)
Max. Output
Power (W)
V1:
+3.3 to +5.7
15.0
110 without cover
30.0
175 with or without
cover
V2:
+12.0
6.0
8.0
V3:
-12.0 to -15.0
1.5
3.0
V4:
+3.3 to +25.0
2.0
5.0
+5 VSB
0.2
0.2
Mechanical Outline
5
3
1
SK4
V3
V4
V1
P252
P251
SK1
SK2
SK3
10
6
5
1
9
1
Connector PIN Designation
Output Connector
PIN
Designation
SK1
1
V2 SWP (Single Wire Parallel) (No connection - optional)
2
+5 VSB
3
+V2 sense (No connection - optional)
4
V1 SWP (Single Wire Parallel)
5
Common
6
+V1 sense
7
Sense common
8
Remote inhibit
9
Dc power good
10
Power fail
SK2
1,2
V2
3, 4, 5
Common
6
V3
7
P OK
8
V4
9
V4 (Return)
SK3
P251
V1
P252
V1
Input Connector
PIN
Designation
SK4
1
Earth GND
3
Line
5
Neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com