Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 92 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 92 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 88Page - Emerson Network Power GLQ110 Datasheet HTML 89Page - Emerson Network Power GLQ110 Datasheet HTML 90Page - Emerson Network Power GLQ110 Datasheet HTML 91Page - Emerson Network Power GLQ110 Datasheet HTML 92Page - Emerson Network Power GLQ110 Datasheet HTML 93Page - Emerson Network Power GLQ110 Datasheet HTML 94Page - Emerson Network Power GLQ110 Datasheet HTML 95Page - Emerson Network Power GLQ110 Datasheet HTML 96Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
GLT54, GLT54-M Installation & Operating Instructions
GLT54/54-M are commercial designations of model numbers LPT54/54-M respectively.
©2009 EGS Electrical Group. All rights reserved. Specifications subject to change without notice.
P/N: A272-188 Rev 0 4/28/09 Ref: LPT54/OP
To comply with the published safety standards, the following must be observed when using this
power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention is required
to ensure safety compliance with the following safety standards: UL60950-1, EN60950-1,
IEC60950-1, and CSA22.2 No. 60950-1-03 for GLT54; UL60601-1, EN60601-1, IEC60601-1,
and CSA22.2 No. 60601-1-M90 for GLT54-M. The safety requirements include creepage
distances, clearances, and distance through insulation between primary wiring and earth or
secondary (SELV) wiring.
3. This power supply is approved and certified for the rated voltage range of 100 V ac to 240 V ac.
4. The maximum output power of the supply must not exceed the rating indicated in the specifi-
cation sheet.
5. The disconnection from the line must be in the end system.
6. The internal fuse should only be replaced with a T2.5AL, 250 V ac, type 392 manufactured by
Wickmann.
NOTE: The power supply has a fuse on the neutral line for GLT54-M.
7. GLT54-M has no patient applied part.
8. This equipment is considered Class I according to protection against electric shock.
9. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
10. For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or send an
e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for additional
product information and specification sheets.
Output Ratings
Output Voltage (V)
Convection Cooling
Max. Output Current (A)
Max. Output Power (W)
+5
8.0
55
+24
1.5
+12
0.5
Connector PIN Designation
Input Connector
PIN
Designation
SK1
1
Neutral
3
Line
Output Connector
PIN
Designation
SK2
1
+5 V
2
+5 V
3
Common
4
Common
5
+12
6
+24
Mechanical Outline & Dimensions
4.00
[101.6]
3.73
[94.7]
.197 [5.0] minimum
1
3
1
6
M1
M2
GND
Mounting hole
.16 [4.0] 4X
SK1
SK2
Side View
All dimensions are in inches [mm].
Maximum screw diameter is .22″ [5.6 mm].
Mounting holes M1 and M2 should be grounded for EMI purposes.
Mounting hole M1 is an earth ground connection.
CAUTION! Do not accidentally connect the ac connector to the dc
output.
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com