Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 12 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 12 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 8Page - Emerson Network Power GLQ110 Datasheet HTML 9Page - Emerson Network Power GLQ110 Datasheet HTML 10Page - Emerson Network Power GLQ110 Datasheet HTML 11Page - Emerson Network Power GLQ110 Datasheet HTML 12Page - Emerson Network Power GLQ110 Datasheet HTML 13Page - Emerson Network Power GLQ110 Datasheet HTML 14Page - Emerson Network Power GLQ110 Datasheet HTML 15Page - Emerson Network Power GLQ110 Datasheet HTML 16Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
GLQ150 Series Specifications
Input
Input range
85-132 Vac; 170-264 Vac automatically selected; 220-300 Vdc
Frequency
47-63 Hz
Inrush current
38 A max, cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted; CISPR 22 Class B conducted;
EN55022 Class B conducted; VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
110 W convection (75 W with cover)
150 W with 30 CFM forced air (130 W with cover)
Adjustment range
±5% on main; 5-25 V on 4th output on GLQ152 & GLQ153
Cross regulation
±2% on output 1; ±3% on outputs 2, 3 & 4
Hold-up time
20 ms @ 110 W load at nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110 -145% above peak rating
Overvoltage protection
5.7 to 6.7 Vdc on main output
Minimum Load
2 A for the first output, 0.1 A for second and third outputs, 0.5 A for the 4th output of GLQ154
Logic Control
Power failure
TTL logic signal goes high 50-150 msec after 5 V output. It goes low at least 3 msec before loss of regulation.
Remote inhibit
Requires an external TTL high signal to inhibit outputs
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection protected.
Operating temperature
0° to 50°C ambient. Derate each output 2.5% per degree from 50° to 70°C
Storage temperature
-40°C to 85°C
Temperature coefficient
±0.04% per °C
Electromagnetic
susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.75 G peak 5 Hz to 500 Hz, operational
MTBF demonstrated
>550,000 hours at full load and 25°C ambient conditions
Mating Connectors
AC Input (SK4)
Molex 09-50-8051 (USA)
Molex 09-91-0500 (UK); PINS: 08-58-0111
Aux DC Output
Power Fail (SK2)
Molex 09-50-8091 (USA)
Molex 09-91-0900 (UK); PINS: 08-58-0111
Remote Sense/
Remote Inhibit (SK1)
Molex 51110-0851 (USA)
PINS: 503-94-8100
Connector Kit #70-841-010, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm).
3. Specifications are for convection rating at factory settings unless otherwise stated.
4. Remote inhibit requires an external 5 V @ 10 mA to activate.
5. Mounting (6-32) maximum insertion depth is .12”.
6. Warranty: 2 years
7. Weight: 1.75 lbs/0.80 kg
Phone: (800) 377-4384
Email: tech@solahd.com
www.solahd.com
Electrical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com