Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 11 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 11 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 7Page - Emerson Network Power GLQ110 Datasheet HTML 8Page - Emerson Network Power GLQ110 Datasheet HTML 9Page - Emerson Network Power GLQ110 Datasheet HTML 10Page - Emerson Network Power GLQ110 Datasheet HTML 11Page - Emerson Network Power GLQ110 Datasheet HTML 12Page - Emerson Network Power GLQ110 Datasheet HTML 13Page - Emerson Network Power GLQ110 Datasheet HTML 14Page - Emerson Network Power GLQ110 Datasheet HTML 15Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
GLQ150 Series Installation & Operating Instructions
GLQ152, GLQ153, and GLQ154 are commercial designations of model numbers LPQ152, LPQ153, and LPQ154 respectively.
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC. assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
The SolaHD and Emerson logos are registered in the U.S. Patent and Trademark Office. All other product or service names are the property of their registered owners. ©2009 EGS Electrical Group, LLC. All rights reserved. Specifications subject to change without notice.
Typical Ventilation Setup
8.50 [216.0]
4.25
[108.0]
0.50 [12.7]
1.00 [25.4]
3.14
[80.0]
1.24
[31.7]
.39 [10.0]
10.00
[254.0]
14.00 [355.6]
OUTPUT
INPUT
AIR FLOW
POWER SUPPLY UNIT
For forced air cooling only
Fan used: MINEBEA 3110NL-04W-B30, 12 V dc, 0.14 A
Dc input for fan during testing: 12 V dc
NOTE: Dimensions and fan used are for reference only
Baseplate for convection cooling and forced
air cooling
(0.039 in/1 mm thick sheet aluminium)
Mechanical Dimensions
.55 [14.0]
7.401 [188.0]
4.25 [108.0]
8.50 [216.0]
.87 [22.2]
2.50 [63.5]
.75 [19.0]
.55 [14.0]
7.401 [188.0]
1.50 [38.0]
All dimensions are in inches [mm]
Screw size: #6-32
Bottom View
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com