Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 69 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 69 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 65Page - Emerson Network Power GLQ110 Datasheet HTML 66Page - Emerson Network Power GLQ110 Datasheet HTML 67Page - Emerson Network Power GLQ110 Datasheet HTML 68Page - Emerson Network Power GLQ110 Datasheet HTML 69Page - Emerson Network Power GLQ110 Datasheet HTML 70Page - Emerson Network Power GLQ110 Datasheet HTML 71Page - Emerson Network Power GLQ110 Datasheet HTML 72Page - Emerson Network Power GLQ110 Datasheet HTML 73Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
GLS50, GLS50-M Series Specifications
Input
Input range
90-264 Vac (wide range); 127-300 Vdc
Frequency
47-440 Hz
Inrush current
<60 A peak @ 230 Vac, cold start @ 25°C
Input power
< 74 Watts
Efficiency
80 - 85% typical at full load
EMI/RFI
FCC Class B conducted; CISPR 22 Class B conducted;
EN55022 Class B conducted; VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 Vac input for class I; < 0.25 mA @ 50/60 Hz; 264 Vac input for class II
GLS50-M: 275 uA @ 50/60 Hz; 264 Vac input
Output
Maximum power
60 W convection; (GLS52, 55 W)
Adjustment range
±20% minimum
Hold-up time
10/20 ms 115/230 Vac input line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110-160% of normal rating
Overvoltage protection
30-50% above nominal output
Remote sense
Compensates for 0.5 lead V lead drop max. Will operate without remote sense. Reverse connection protected.
Operating temperature
0° to 50°C ambient. Derate each output 2.5% per degree from 50° to 70°C. -20°C start up.
Storage temperature
-40°C to 85°C
Electromagnetic
susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 95% RH
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF demonstrated
> 550,000 hours at full load and 25°C ambient conditions
Mating Connectors
AC Input
Molex 09-50-8031 (USA); 09-91-0300 (UK)
PINS: 08-52-0113
DC Outputs
Molex 09-50-8061 (USA); 09-91-0600 (UK)
PINS: 08-52-0113
Connector Kit #70-841-006, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm).
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115 Vac input, 25°C unless otherwise stated.
6. Warranty: 2 year
7. Weight: 0.41 lb/0.18 kg
Phone: (800) 377-4384
Email: tech@solahd.com
www.solahd.com
Electrical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com