Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ110 Datasheet(PDF) 1 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 1 Page - Emerson Network Power

  GLQ110 Datasheet HTML 1Page - Emerson Network Power GLQ110 Datasheet HTML 2Page - Emerson Network Power GLQ110 Datasheet HTML 3Page - Emerson Network Power GLQ110 Datasheet HTML 4Page - Emerson Network Power GLQ110 Datasheet HTML 5Page - Emerson Network Power GLQ110 Datasheet HTML 6Page - Emerson Network Power GLQ110 Datasheet HTML 7Page - Emerson Network Power GLQ110 Datasheet HTML 8Page - Emerson Network Power GLQ110 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
GLQ110 Series Installation & Operating Instructions
P/N: A272-168 Rev 2 12/29/09 Ref: 03361001602
Installation & Safety
To comply with the published safety standards, the following must be observed when
using this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention
is required to ensure safety compliance with the following safety standards:
UL60950, EN60950-1, IEC60950-1, and CSA22.2 No. 234-M90; including the
requirements for creepage distances, clearances, and distance through insulation
between primary wiring and earth or secondary (SELV) wiring.
3. The power supply’s rated input voltage is automatically selected. Please refer to
the specification sheet for the input voltage range.
4. The maximum output power of the supply must not exceed the rating indicated in
the specification sheet.
5. The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
6. Hazardous voltages exist in the primary circuits. Disconnect the power supply
before servicing.
7. When operating with a dc input voltage range, the unit input must be protected by
a dc rated fuse in the end-use installation system.
8. The internal fuse should only be replaced with a 4 A, 250 V ac, Type SP0001.1010
manufactured by Schurter AG, Type 216004 manufactured by Littelfuse or Type
S501 manufactured by Cooper.
9. This power supply is
marked following the provisions of the Low Voltage
Directive, 2006/95/EC.
For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or
send an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for
additional product information and specification sheets.
Output Ratings
Model
OutputVoltage
(V)
ConvectionCooling
30CFMForcedAirCooling
Max.Output
Current(A)
Max.Output
Power(W)
Max.Output
Current(A)
Max.Output
Power(W)
GLQ112
+5
9.0
80
11.0
110
+12
4.5
5
-12
0.7
1.0
±5 to ±25
2.5
3.0
GLQ113
+5
9.0
11.0
+15
4.5
5.0
-15
0.7
1.0
±5 to ±25
2.5
3.0
GLQ114
+5
9.0
11.0
+12
4.5
5.0
-12
0.7
1.0
+24
3.5
4.5
Connector PIN Designation
InputConnector
PIN
GLQ112
GLQ113
GLQ114
SK1
1
GND
3
Neutral
5
Line
OutputConnector
PIN
GLQ112
GLQ113
GLQ114
SK2
1
+5 V
2
3
4
Common
5
6
7
8
+12 V
+15 V
+12 V
9
+12 V
+15 V
+12 V
10
-12 V
-15 V
-12 V
11
+5 V to +25 V
+5 V to +25 V
+24 V
12
-5 V to -25 V
-5 V to -25 V
Common
SK201
1
+Sense
2
-Sense
SK202
1
P OK
2
GND


Similar Part No. - GLQ110

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GLQ COOPER-GLQ Datasheet
36Kb / 1P
Specialty Fuse Fast-Acting, Size Rejecting
logo
Eaton All Rights Reserv...
GLQ EATON-GLQ Datasheet
153Kb / 2P
Specialty fuse, fast-acting, size rejecting
More results

Similar Description - GLQ110

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MAR-B1021 SANYO-MAR-B1021 Datasheet
146Kb / 12P
OPERATING INSTRUCTIONS
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
Installation Instructions
logo
Maxim Integrated Produc...
DS1703K MAXIM-DS1703K Datasheet
250Kb / 11P
Operating Instructions
051503
logo
Molex Electronics Ltd.
0011311570 MOLEX11-0011311570 Datasheet
106Kb / 3P
OPERATING INSTRUCTIONS
logo
SL Power Electronics
GLC50A SLPOWER-GLC50A Datasheet
58Kb / 1P
INSTALLATION INSTRUCTIONS GLC50 MULTI OUTPUT SERIES
logo
ebm-papst
K1G200-AD65-04 EBMPAPST-K1G200-AD65-04 Datasheet
1Mb / 9P
Operating instructions
K3G200-BD64-04 EBMPAPST-K3G200-BD64-04 Datasheet
428Kb / 9P
Operating instructions
logo
Littelfuse
SE-IP65CVR-G-SE-330 LITTELFUSE-SE-IP65CVR-G-SE-330 Datasheet
82Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
march 2011
SE-IP65CVR-M LITTELFUSE-SE-IP65CVR-M Datasheet
178Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
OCTOBER 2011
logo
Bosch Sensortec GmbH
TDA26 BOSCH-TDA26 Datasheet
1Mb / 2P
Operating instructions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com