Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 12Page - ESS Technology,Inc ES9219C Datasheet HTML 13Page - ESS Technology,Inc ES9219C Datasheet HTML 14Page - ESS Technology,Inc ES9219C Datasheet HTML 15Page - ESS Technology,Inc ES9219C Datasheet HTML 16Page - ESS Technology,Inc ES9219C Datasheet HTML 17Page - ESS Technology,Inc ES9219C Datasheet HTML 18Page - ESS Technology,Inc ES9219C Datasheet HTML 19Page - ESS Technology,Inc ES9219C Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
16
THD Compensation
THD Compensation minimizes the non-linearity of the DAC output resistors and to a lesser degree the non-linearity of passive components in the
output stage.
Non-linearity of the DAC output resistors can lead to output distortion in two ways:
1. Amplitude modulation of the output current from the DAC
2. Gain modulation of the output stage as the output impedance of the DAC swings with the audio signal
The ES9219 includes models for its output resistors and can compensate for their characteristic curve by finely adjusting the DAC codes for large
and small signal amplitudes.
THD compensation can be enabled via bypass_thd in Register 13: THD BYPASS & MONO_MODE
The coefficient for manipulating second harmonic distortion is stored in Register 22-23: THD COMPENSATION C2
The coefficient for manipulating third harmonic distortion is stored in Register 24-25: THD COMPENSATION C3
Left and right channels use the same compensation coefficients unless
enable_seperate_thd_comp in Register 48: ANALOG CONTROL
SIGNALS is used.
CrossTalk Compensation
The ES9219 has registers built in to add (or subtract) a signed number from Ch1 to Ch2 and vice versa. This is to help mitigate the
crosstalk between channels induced by the device or system.
See Register 128: CROSSTALK COMPENSATION CONFIG & Register 130-131: CROSSTALK SCALE CH1 for more details.
Figure 6: Diagram shows crosstalk compensation configuration
MQA Rendering
The ES9219 is a licensed MQA hardware renderer.
Enabling the MQA renderer is from Register 146: MQA CONFIG, and to check if the stream is locked query Register 77: READ LOCK STATUS.
ESS079 Crosstalk Compensation
24
24
Ch1
Ch2
+
+
Signed Scale for Ch2,
Register 132-133
Signed Scale for Ch1,
Register 130-131
24
24
Ch1
Compensated
Ch2
Compensated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com