Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 18 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 18 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 14Page - ESS Technology,Inc ES9219C Datasheet HTML 15Page - ESS Technology,Inc ES9219C Datasheet HTML 16Page - ESS Technology,Inc ES9219C Datasheet HTML 17Page - ESS Technology,Inc ES9219C Datasheet HTML 18Page - ESS Technology,Inc ES9219C Datasheet HTML 19Page - ESS Technology,Inc ES9219C Datasheet HTML 20Page - ESS Technology,Inc ES9219C Datasheet HTML 21Page - ESS Technology,Inc ES9219C Datasheet HTML 22Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
18
Output Switch
The output signal is selected by an ultra-low THD analog switch that connects either to the HiFi audio headphone amplifier or to an alternate audio
source. A typical alternate source may be voice or another DAC. There are two different ways to use the output switch:
LowFi Mode
The ultra-low THD analog switch may be controlled using Register 32: AMPLIFIER CONFIGURATION. This allows audio to pass from an
alternate source to the output. The digital core remains powered on and ready for a quick transition back to HiFi mode. All supplies must
be enabled.
Low Power Bypass Mode
The ultra-low THD analog switch may be controlled using GPIO2 after RESETb is asserted and the chip is in standby. This allows audio to
pass from an alternate source to the output without the use of the digital core. AVCC_HP and AVCC_CP supplies must be enabled.
This mode is activated when RESETB = pulled down and GPIO2=pulled up.
Analog THD Removal (ATR)
The ESS Sabre DAC’s can be operated in 2 fundamental modes of operation, Voltage Mode and Current Mode.
Voltage mode
The Sabre DAC is connected to a single OPAMP operating in the Differential to Single Ended mode. This mode is cost efficient, however
it exposes the 2nd and 3rd order voltage coefficients of the on die poly-silicon resistors used in the D/A conversion interface. There are 64
poly-silicon unit weight resistors that sum together to make the analog representation of the digital value. Each resistor contributes 1/64th
of the output, and each resistor is exposed to a signal dependent voltage across it. The 2nd and 3rd order terms create 2nd and 3rd order
harmonics from this simplified equation of the resistor.
Rab = Rnom + (Rnom * Vab * Vc22) + (Rnom * Vab * Vc33)
Where:
Rab: Resistance across the resistor terminals
Rnom: The Nominal value of the resistor.
Vab: Voltage across the resistor terminals
Vc2: Squared Voltage coefficient term
Vc3: Cubed Voltage coefficient term
Current mode
In this mode of operation of the Sabre DAC, the output of the DAC is held at a virtual ground, therefore the current going though each of
the has only 2 states, either sourcing our sinking. Even though the resistors still have the 2nd and 3rd order voltage coefficients, there is
only ever 2 voltages applied across the resistor, which means that the 2nd and 3rd order terms end up being a DC offset instead of
harmonic distortion. This is typically done by connecting the Sabre DAC to an I/V convertor stage, then to a Differential to Single Ended
stage, which requires 3 opamps to implement.
The ES9219 Implements analog circuitry that puts the Sabre DAC’s into “Current Mode” by integrating the I/V stage. This allows the Sabre DAC’s
to achieve the best possible linearity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com