Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 33 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 33 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 29Page - ESS Technology,Inc ES9219C Datasheet HTML 30Page - ESS Technology,Inc ES9219C Datasheet HTML 31Page - ESS Technology,Inc ES9219C Datasheet HTML 32Page - ESS Technology,Inc ES9219C Datasheet HTML 33Page - ESS Technology,Inc ES9219C Datasheet HTML 34Page - ESS Technology,Inc ES9219C Datasheet HTML 35Page - ESS Technology,Inc ES9219C Datasheet HTML 36Page - ESS Technology,Inc ES9219C Datasheet HTML 37Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
33
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
0x29-
0x2B
41-43
PROGRAMMABLE
FIR RAM DATA
PROG_COEFF_DATA
0x2C
44
PROGRAMMABLE
FIR
CONFIGURATION
RESERVED
EVEN_STAG
E2_COEFF
PROG_COE
FF_WE
PROG_COEFF
_EN
0x2D
45
ANALOG
CONTROL
OVERRIDE 1
ENAUX
AREG_P
DB
ENHPA
CPH_ENS
CPH_ENW
APDB
CP_CLK_SE
L
RESERVED
0x2E
46
ANALOG
CONTROL
OVERRIDE 2
DIG_OVER_
EN
RESERVED
RESERVED
SEL1V
SHTOUTb
SHTINb
0x2F
47
ANALOG
CONTROL
OVERRIDE 3
ENFCB
ENCP_O
E
ENAUX_OE
CPL_ENS
CPL_ENW
SEL3V3_PS
ENSM_PS
SEL3V3_CPH
0x30
48
ANALOG
CONTROL
SIGNALS
RESERVED
ENHPA_
OUT
RESERVED
HPA_HIQ
ENABLE_SEP
ARATE_THD_
COMP
RESERVED
0x31
49
AUTOMATIC
CLOCK GEARING
THRESHOLDS
CLK_GEAR_MIN_THRESH
0x32
50
AUTOMATIC
CLOCK GEARING
THRESHOLDS
CLK_GEAR_MAX_THRESH
CLK_GEAR_MIN_THRESH
0x33
51
AUTOMATIC
CLOCK GEARING
THRESHOLDS
CLK_GEAR_MAX_THRESH
0x34
52
CHARGE PUMP
SOFT START 2
RESERVED
0x35-
0x36
53-54
THD
COMPENSATION
C2 -CH2
THD_COMP_C2_Ch2
0x37-
0x38
55-56
THD
COMPENSATION
C3 - CH2
THD_COMP_C3_Ch2
0x39-
0x3C
57-60
RESERVED
RESERVED
0x40
64
CHIP STATUS
CHIP_ID
AUTOMUTE
_STATUS
LOCK_STATUS
0x41
65
GPIO Readback
ocbr_pos
ocbl_pos
ocbr_neg
obcl_neg
clk_gear_rb
gpio2
gpio1
0x42-
0x45
66-69
DPLL Number
DPLL_NUM
0x46
70
RESERVED
RESERVED
0x47
71
RESERVED
RESERVED
0x48
72
READ INPUT
SELECTION AND
AUTOMUTE
STATUS
OCR_SD_M
UTE
OCL_SD
_MUTE
AMR
AML
INPUT_SELECTION
0x49-
0x4B
73-75
READ
PROGRAMMABLE
FIR RAM DATA
PROG_COEFF_OUT
0x4C
76
READ DRE
STATUS
RESERVED
CHANNEL_G
AIN2
CHANNEL_GAI
N1
DRE_SELECT
2
DRE_SELECT
1
DRE_DETE
CT2
DRE_DETECT1
0x4D
77
READ LOCK
STATUS
RESERVED
MQA_LOCKE
D
PLL_LOCKE
D
LOCK_STATUS
_ASRC
0x4E-
0x55
78-85
RESERVED
RESERVED
0x80
128
CROSSTALK
COMPENSATION
BYPASS_CT
ENABLE_
PLL_LOC
K
RESERVED
0x81
129
RESERVED
RESERVED
0x82-
0x83
130-131
CROSSTALK
SCALE CH1
CH1_CROSSTALK_SCALE
0x84-
0x85
132-133
CROSSTALK
SCALE CH2
CH2_CROSSTALK_SCALE
0x86
134
ANALOG
CONTROL & I2S
MONITOR CONFIG
RESERVED
DVDD_SHUN
T_ENB
RESERVED
CH2_ANALO
G_SWAP
CH1_ANALO
G_SWAP
ENABLE_BC
K_DETECT
ENABLE_WS_
DETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com