Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 36 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 36 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 32Page - ESS Technology,Inc ES9219C Datasheet HTML 33Page - ESS Technology,Inc ES9219C Datasheet HTML 34Page - ESS Technology,Inc ES9219C Datasheet HTML 35Page - ESS Technology,Inc ES9219C Datasheet HTML 36Page - ESS Technology,Inc ES9219C Datasheet HTML 37Page - ESS Technology,Inc ES9219C Datasheet HTML 38Page - ESS Technology,Inc ES9219C Datasheet HTML 39Page - ESS Technology,Inc ES9219C Datasheet HTML 40Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
36
2’b11: DSD
Note: Register 1[3:2] must be set to 2’b00 for input_select to function.
Register 2: MIXING AND AUTOMUTE CONFIGURATION
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:6]
[5]
[4]
[3:2]
[1:0]
Mnemonic
AUTOMUTE_CONFIG
ANALOG_AUTOMUTE
AUTOMUTE_TIMER_FAST
CH2_MIX_SEL
CH1_MIX_SEL
Bits
Mnemonic
Description
[7:6]
AUTOMUTE_CONFIG
Configures the automute state machine, which allows the Sabre to perform different power saving
and sound optimizations.
2’b00: Normal operation (default).
2’b01: Perform a mute when an automute condition is asserted.
2’b10: Ramp all channels to ground when an automute condition is asserted.
2’b11: Perform a mute and then ramp all channels to ground when an automute condition is
asserted.
Note: Ramping DAC outputs to ground can reduce the power consumption of the Sabre in some
situations.
Note: This process can be sped up by using the automute_time, volume_rate and soft_start_rate
registers.
[5]
ANALOG_AUTOMUTE
Allows the analog volume control to be driven to -22dB when an automute condition occurs.
1’b0: Analog volume control is left ‘as programmed’ when an automute occurs.
1’b1: Analog volume control is pushed to -22dB when an automute occurs (default).
[4]
AUTOMUTE_TIMER_FAST
If disabled, the automute time is multiplied by 8, resulting in a longer delay before an automute
event is triggered.
1’b0: Automute time is calculated by the regular formula (see automute_time) multiplied by 8.
1’b1: Automute time is calculated by the regular formula (default).
[3:2]
CH2_MIX_SEL
Selects which data is mapped to DAC 2.
2’b00: ch1
2’b01: ch2 (default)
2’b10-2’b11: reserved
[1:0]
CH1_MIX_SEL
Selects which data is mapped to DAC 1.
2’b00: ch1 (default)
2’b01: ch2
2’b10-2’b11: reserved
Register 3: ANALOG VOLUME CONTROL
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:5]
[4:0]
Mnemonic
RESERVED
ANALOG_VOLUME_MAIN
Bits
Mnemonic
Description
[7:5]
RESERVED
NA
[4:0]
ANALOG_VOLUME_MAIN
This register controls the analog volume which ranges from +2dB to -22dB in 2dB steps
This register is only valid from 5’d0 to 5’d24. 1dB steps can be enabled via analog_1db_en.
By default, this register controls both channel 1 and channel 2 analog volume controls.
However, it is possible to enable independent analog volume control via analog_use_secondary.
Note: This feature is only active when in HiFi mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com