Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 37 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 37 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 33Page - ESS Technology,Inc ES9219C Datasheet HTML 34Page - ESS Technology,Inc ES9219C Datasheet HTML 35Page - ESS Technology,Inc ES9219C Datasheet HTML 36Page - ESS Technology,Inc ES9219C Datasheet HTML 37Page - ESS Technology,Inc ES9219C Datasheet HTML 38Page - ESS Technology,Inc ES9219C Datasheet HTML 39Page - ESS Technology,Inc ES9219C Datasheet HTML 40Page - ESS Technology,Inc ES9219C Datasheet HTML 41Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
37
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 4: AUTOMUTE TIME
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:0]
Mnemonic
AUTOMUTE_TIME
Bits
Mnemonic
Description
[7:0]
AUTOMUTE_TIME
Configures the amount of time the audio data must remain below the automute_level before an automute
condition is flagged. Defaults to 0 which disables automute.
Note: DATA_CLK should be provided with a unit of Hz
���������������� �������� ���������������������������� =
2096896
������������������������������������������������ ∗ ����������������������������
Register 5: AUTOMUTE LEVEL
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6:0]
Mnemonic
RESERVED
AUTOMUTE_LEVEL
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6:0]
AUTOMUTE_LEVEL
Configures the threshold which the audio must be below before an automute condition is flagged.
The level is measured in decibels (dB) and defaults to -104dB.
Note: This register works in tandem with automute_time to create the automute condition.
Register 6: DOP AND VOLUME RAMP RATE
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:4]
[3]
[2:0]
Mnemonic
RESERVED
DOP_ENABLE
VOLUME_RATE
Bits
Mnemonic
Description
[7:4]
RESERVED
NA
[3]
DOP_ENABLE
Selects whether the DSD over PCM (DoP) logic is enabled.
1’b0: disables the DoP logic (default).
1’b1: enables the DoP logic.
[2:0]
VOLUME_RATE
Selects a volume ramp rate to use when transitioning between different volume levels.
The volume ramp rate is measured in decibels per second (dB/s).
���������������� (
��������
����
) =
0.0078125 ∗ ��������
2(2−����������������������������������������)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com