Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 13 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 13 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 9Page - ESS Technology,Inc ES9219C Datasheet HTML 10Page - ESS Technology,Inc ES9219C Datasheet HTML 11Page - ESS Technology,Inc ES9219C Datasheet HTML 12Page - ESS Technology,Inc ES9219C Datasheet HTML 13Page - ESS Technology,Inc ES9219C Datasheet HTML 14Page - ESS Technology,Inc ES9219C Datasheet HTML 15Page - ESS Technology,Inc ES9219C Datasheet HTML 16Page - ESS Technology,Inc ES9219C Datasheet HTML 17Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
13
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Volume Control
Each output channel has its own attenuation circuit. The attenuation for each channel is controlled independently. Each channel can be attenuated
from 0dB to –127dB in 0.5dB steps. Each 0.5dB step transition takes up to 64 intermediate levels, depending on the vol_rate setting in Register 6:
DOP AND VOLUME RAMP RATE. The result being that the level changes are done using small enough steps so that no switching noise occurs
during the transition of the volume control. When a new volume level is set, the attenuation circuit will ramp softly to the new level.
The volume control can be either channel independent or synchronized using Register 27: GENERAL CONFIGURATION ch1_volume.
Master Trim
The master trim sets the 0dB reference level for the digital volume control of each DAC. The master trim is programmable via Register 17-20:
MASTER TRIM. The master trim registers store a 32bit signed number.
This register value should never exceed the full scale signed value 32’h7FFFFFFF
Example: Setting the reference value to -1dB (from full-scale) = 32’h721482BF
System Clock XI/MCLK & BCK
A system clock is required for proper operation of the digital filters and modulation circuitry. It can be generated using an appropriate crystal, MCLK,
or BCK in combination with the Analog PLL.
XOSC
XOUT
BCK
DAC
Digital
PLL_INPUT_CLK
PLL
1.8V
3.3V
1.8V
CLK
GEAR
Analog
RESETB
PD_XTAL
XTAL
MCLK
BCLK
SEL_DAC_CLK IN
DIGITAL
CORE
LS
0
1
XTAL
XIN
Figure 5: ES9219 MCLK & BCK Routing
MCLK Path in RED, BCK Path in Green, both will use the Analog PLL
Automatic clock gearing is supported to save power with the full XI (or MCLK) clock rate is not required.
CLK =
XI
��������������������_������������
The minimum XI(MCLK) frequency must satisfy the following conditions:
Data Type
Minimum MCLK Frequency
DSD Data
CLK > 3 x FSR , FSR = 2.8224MHz (x 1, 2, or 4)
Serial Normal Mode
CLK > 128 x FSR, FSR
 384kHz
CLK = 128 x FSR (synchronous MCLK) with FSR
 384kHz
Serial OSF Bypass Mode
CLK > 24 x FSR, FSR
 768kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com