Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 43 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 43 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 39Page - ESS Technology,Inc ES9219C Datasheet HTML 40Page - ESS Technology,Inc ES9219C Datasheet HTML 41Page - ESS Technology,Inc ES9219C Datasheet HTML 42Page - ESS Technology,Inc ES9219C Datasheet HTML 43Page - ESS Technology,Inc ES9219C Datasheet HTML 44Page - ESS Technology,Inc ES9219C Datasheet HTML 45Page - ESS Technology,Inc ES9219C Datasheet HTML 46Page - ESS Technology,Inc ES9219C Datasheet HTML 47Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
43
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 24-25: THD COMPENSATION C3
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
THD_COMP_C3
Bits
Mnemonic
Description
[15:0]
THD_COMP_C3
A 16-bit signed coefficient for correcting for the third harmonic
distortion.
Register 26: CHARGE PUMP SOFT START DELAY
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:0]
Mnemonic
CP_SS_DELAY
Bits
Mnemonic
Description
[7:0]
CP_SS_DELAY
Sets the delay between when weak mode is enabled and when strong mode is enabled during the fixed charge
pump soft start.
��������������������(����) =
2048 ∗ �������������������������������� − 2
��������������������
Register 27: GENERAL CONFIGURATION
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6:4]
[3]
[2:0]
Mnemonic
ASRC_EN
RESERVED
CH1_VOLUME
RESERVED
Bits
Mnemonic
Description
[7]
ASRC_EN
Selects whether the ASRC is enabled.
1’b0: ASRC is disabled and the output from the THD compensation block is piped directly into the modulators.
1’b1: The ASRC is used as normal, providing a first order correction on the sample rate converted data (default).
[6:4]
RESERVED
NA
[3]
CH1_VOLUME
Allows channel 2 to share the channel 1 volume control. This allows for perfectly syncing up the two channel
gains.
1’b0: Allow independent control of both channel 1 and channel volume controls (default).
1’b1: Use the channel 1 volume control for both channel 1 and channel 2.
[2:0]
RESERVED
NA
Register 28: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com