Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 47 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 47 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 43Page - ESS Technology,Inc ES9219C Datasheet HTML 44Page - ESS Technology,Inc ES9219C Datasheet HTML 45Page - ESS Technology,Inc ES9219C Datasheet HTML 46Page - ESS Technology,Inc ES9219C Datasheet HTML 47Page - ESS Technology,Inc ES9219C Datasheet HTML 48Page - ESS Technology,Inc ES9219C Datasheet HTML 49Page - ESS Technology,Inc ES9219C Datasheet HTML 50Page - ESS Technology,Inc ES9219C Datasheet HTML 51Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
47
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 45: ANALOG CONTROL OVERRIDE 1
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
ENAUX
AREG_PDB
ENHPA
CPH_ENS
CPH_ENW
APDB
CP_CLKIO_SEL
RESERVED
Bits
Mnemonic
Description
[7]
ENAUX
Sets the state of the output switch when the digital core has taken control of the switch.
The switch can be controlled by the digital by setting ENAUX_OE to 1’b1.
1’b0: The switch is disengaged, allowing the DAC and headphone amplifier to drive the output (default).
1’b1: The switch is engaged, allowing the auxiliary input to drive the output.
Note: The switch should not be engaged when the headphone amplifier is enabled.
[6]
AREG_PDB
Enables the analog regulator, which uses the reference voltage enabled by the apdb signal.
1’b0: The analog regulator is disabled (default).
1’b1: The analog regulator is enabled. Note: apdb must be set to 1’b1 for the analog regulator to work correctly.
[5]
ENHPA
Enables the pre-amplifier for the headphone amplifier.
1’b0: The pre-amplifier is disabled (default).
1’b1: The pre-amplifier is enabled.
[4]
CPH_ENS
Enables the main charge pump and places it into strong mode. The main charge pump powers the output stage of
the headphone amplifier.
1’b0: The main charge pump (strong mode) is disabled (default).
1’b1: The main charge pump (strong mode) is enabled.
Note: encp_oe must be set to 1’b1 for the digital core to control the charge pump.
[3]
CPH_ENW
Enables the main charge pump and places it into weak mode. The main charge pump powers the output stage of
the headphone amplifier.
1’b0: The main charge pump is disabled (default).
1’b1: The main charge pump is enabled.
Note: encp_oe must be set to 1’b1 for the digital core to control the charge pump.
[2]
APDB
Enables the analog reference voltage, which is derived by a bandgap.
1’b0: The analog reference is disabled (default).
1’b1: The analog reference is enabled, which supplies a reference voltage for the analog regulator. This bit must
be set prior to enabling the analog regulator (AREG_PDB).
[1]
CP_CLK_SEL_IO
Disables the internal oscillator for the charge pump and uses a digitally generated clock signal instead. The
digitally generated clock signal can be configured via register 30-31.
1’b0: Use the internal oscillator as the charge pump clock (default).
1’b1: Use the digitally generated clock as the charge pump clock.
[0]
RESERVED
NA
Register 46: ANALOG CONTROL OVERRIDE 2
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6:3]
[2]
[1]
[0]
Mnemonic
DIG_OVER_EN
RESERVED
SEL1V
SHTOUTb
SHTINb
Bits
Mnemonic
Description
[7]
DIG_OVER_EN
Allows the digital core to override the amp_mode settings via the contents of register 45, 46 and 47.
1’b0: Uses the amp_mode setting to control the analog sections (default).
1’b1: Allows the digital core to override the amp_mode settings.
[6:3]
RESERVED
NA
[2]
SEL1V
Drops the digital power supply to 1V, which allows the supply to be driven externally.
1’b0: Use the internal digital power supply regulator (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com