Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 52 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 52 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 48Page - ESS Technology,Inc ES9219C Datasheet HTML 49Page - ESS Technology,Inc ES9219C Datasheet HTML 50Page - ESS Technology,Inc ES9219C Datasheet HTML 51Page - ESS Technology,Inc ES9219C Datasheet HTML 52Page - ESS Technology,Inc ES9219C Datasheet HTML 53Page - ESS Technology,Inc ES9219C Datasheet HTML 54Page - ESS Technology,Inc ES9219C Datasheet HTML 55Page - ESS Technology,Inc ES9219C Datasheet HTML 56Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
52
Register 66-69: DPLL Number
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[31:0]
Mnemonic
DPLL_NUM
Bits
Mnemonic
Description
[31:0]
DPLL_NUM
Contains the ratio between the CLK and the audio clock rate once the DPLL has acquired lock.
This value is latched on reading the LSB, so register 66 must be read first to acquire the latest DPLL value and
avoid data tearing. The value is latched on LSB because the DPLL number can change as the I2C transactions are
performed.
������������ =
���������������������������� ∗ ������������
232
Register 70-71: RESERVED
Register 72: READ INPUT SELECTION AND AUTOMUTE STATUS
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4]
[3:0]
Mnemonic
OCR_SD_MUTE
OCL_SD_MUTE
AMR
AML
INPUT_SELECTION
Bits
Mnemonic
Description
[7]
OCR_SD_MUTE
Indicates when the OCP timeout has expired and an overcurrent event has occurred on the right channel.
1’b0: No overcurrent condition (default)
1’b1: Overcurrent condition detected at amplifier output OUT_R.
[6]
OCL_SD_MUTE
Indicates when the oc_sd_gain OCP timeout has expired and an overcurrent event has occurred on the
left channel.
1’b0: No overcurrent condition (default)
1’b1: Overcurrent condition detected at amplifier output OUT_L
[5]
AMR
Automute status of right channel.
[4]
AML
Automute status of left channel.
[3:0]
INPUT_SELECTION
Indicates which input data source is selected.
2’b00: Serial (default)
2’b11: DSD
2’b01/2’b10: Reserved
Register 73-75: READ PROGRAMMABLE FIR RAM DATA
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[23:0]
Mnemonic
PROG_COEFF_OUT
Bits
Mnemonic
Description
[23:0]
PROG_COEFF_OUT
A 24bit signed filter coefficient that has been written to the
address defined in PROG_COEFF_ADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com