Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 53 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 53 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 49Page - ESS Technology,Inc ES9219C Datasheet HTML 50Page - ESS Technology,Inc ES9219C Datasheet HTML 51Page - ESS Technology,Inc ES9219C Datasheet HTML 52Page - ESS Technology,Inc ES9219C Datasheet HTML 53Page - ESS Technology,Inc ES9219C Datasheet HTML 54Page - ESS Technology,Inc ES9219C Datasheet HTML 55Page - ESS Technology,Inc ES9219C Datasheet HTML 56Page - ESS Technology,Inc ES9219C Datasheet HTML 57Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
53
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 76: READ DRE STATUS
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemoni
c
RESERVE
D
CHANNEL_GAIN
2
CHANNEL_GAIN
1
DRE_SELECT
2
DRE_SELECT
1
DRE_DETECT
2
DRE_DETECT
1
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
CHANNEL_GAIN2
DRE gain is applied on channel 2
[4]
CHANNEL_GAIN1
DRE gain is applied on channel 1
[3]
DRE_SELECT2
DRE engaged on channel 2
[2]
DRE_SELECT1
DRE engaged on channel 1
[1]
DRE_DETECT2
DRE condition detected on channel 2
[0]
DRE_DETECT1
DRE condition detected on channel 1
Register 77: READ LOCK STATUS
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:3]
[2]
[1]
[0]
Mnemonic
RESERVED
MQA_LOCKED
PLL_LOCKED
LOCK_STATUS_ASRC
Bits
Mnemonic
Description
[7:3]
RESERVED
NA
[2]
MQA_LOCKED
1’b0: MQA stream is not locked
1’b1: MQA stream is locked
[1]
PLL_LOCKED
1’b0: the analog PLL is unlocked
1’b1: the analog PLL is locked
[0]
LOCK_STATUS_ASRC
1’b0: when in async mode and the asrc is unlocked
1’b1: when in sync mode, or async mode and the asrc is locked
Register 78-85: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com