Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 41 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 41 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 37Page - ESS Technology,Inc ES9219C Datasheet HTML 38Page - ESS Technology,Inc ES9219C Datasheet HTML 39Page - ESS Technology,Inc ES9219C Datasheet HTML 40Page - ESS Technology,Inc ES9219C Datasheet HTML 41Page - ESS Technology,Inc ES9219C Datasheet HTML 42Page - ESS Technology,Inc ES9219C Datasheet HTML 43Page - ESS Technology,Inc ES9219C Datasheet HTML 44Page - ESS Technology,Inc ES9219C Datasheet HTML 45Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
41
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 13: THD BYPASS & MONO_MODE
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4]
[3:0]
Mnemonic
RESERVED
BYPASS_THD
RESERVED
MONO_MODE
RESERVED
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6]
BYPASS_THD
Selects whether to disable the THD compensation logic. THD compensation is disabled by default and can be
configured to correct for second and third harmonic distortion.
1’b0: Enable THD compensation.
1’b1: Disable THD compensation (default).
[5]
RESERVED
NA
[4]
MONO_MODE
Selects whether mono mode is enabled. Mono mode disables the channel 2 datapath and routes the channel 1
output to both DAC_L and DAC_R. This mode will consume less power as nearly half of the datapath is disabled.
1’b0: Disable mono mode (default).
1’b1: Enable mono mode.
[3:0]
RESERVED
NA
Register 14: SOFT START CONFIGURATION
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4:0]
Mnemonic
SOFT_START
RESERVED
SOFT_START_TYPE
SOFT_START_TIME
Bits
Mnemonic
Description
[7]
SOFT_START
Allows a register override for the soft start/stop ramp circuitry when in dig_override mode.
1’b0: Ramps the output to ground (soft stop) when the dig_override bit is enabled (default).
1’b1: Ramps the output to AVCC/2, which allows the DAC to produce an output. Only functions when the
dig_override bit is enabled.
[6]
RESERVED
NA
[5]
SOFT_START_TYPE
Sets whether the soft start ramp is linear or a quadratic function.
1’b0: Uses the standard soft start ramp.
1’b1: Uses a quadratic function for the soft start ramp.
[4:0]
SOFT_START_TIME
Sets the amount of time that it takes to perform a soft start ramp. This time affects both ramp to ground
and ramp to AVCC/2. This value is valid from 0 to 20 (inclusive).
���������������� (����) = 4096 ∗
2
(������������������������������������
����������������
+1)
���������������� (��������)
Register 15-16: VOLUME CONTROL
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:8]
[7:0]
Mnemonic
VOLUME_1
VOLUME_2
Bits
Mnemonic
Description
[15:8]
VOLUME_1
Default of 8’d80 (-40dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com