Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 61 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 61 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 57Page - ESS Technology,Inc ES9219C Datasheet HTML 58Page - ESS Technology,Inc ES9219C Datasheet HTML 59Page - ESS Technology,Inc ES9219C Datasheet HTML 60Page - ESS Technology,Inc ES9219C Datasheet HTML 61Page - ESS Technology,Inc ES9219C Datasheet HTML 62Page - ESS Technology,Inc ES9219C Datasheet HTML 63Page - ESS Technology,Inc ES9219C Datasheet HTML 64Page - ESS Technology,Inc ES9219C Datasheet HTML 65Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
61
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 200: PLL CONFIG4
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:6]
[5]
[4]
[3]
[2]
[1:0]
Mnemonic
RESERVED
PLL_HV_REG_BYPAS
S
PLL_LV_REG_BYPAS
S
PLL_HV_REG_PD
B
PLL_LV_REG_PD
B
PLL_VREF_SE
L
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
PLL_HV_REG_BYPASS
High Voltage PLL Regulators Bypass.
1’b0: Normal operating mode (default).
1’b1: HV regulator in bypass mode; the output of HV regulator = AVDD
[4]
PLL_LV_REG_BYPASS
Low Voltage PLL Regulator Bypass
1’b0: Normal operating mode (default).
1’b1: LV regulator in bypass mode; the output of LV regulator = DVCC
[3]
PLL_HV_REG_PDB
High Voltage PLL regulator power down.
1’b0: PLL HV regulator is powered down. Output is shunted to ground (default).
1’b1: Normal operating mode
[2]
PLL_LV_REG_PDB
Low Voltage PLL regulator power down
1’b0: PLL LV regulator is powered down. Output is shunted to ground (default).
1’b1: Normal operating mode
[1:0]
PLL_VREF_SEL
PLL HV regulator output voltage select.
2’b00: 2V (default)
2’b01: 1.9V
2’b10: 1.8V
2’b11: 1.7V
Register 201: PLL CONFIG5
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:5]
[4]
[3]
[2:0]
Mnemonic
RESERVED
SEL_DAC_CLKIN
PD_XTAL
PLL_INPUT_CLK
Bits
Mnemonic
Description
[7:5]
RESERVED
NA
[4]
SEL_DAC_CLKIN
Select which clock is used for the DAC
1’b0: XTAL is selected as the DAC clock (default).
1’b1: PLL clock is selected as the DAC clock.
[3]
PD_XTAL
XTAL circuit power down
1’b0: Normal operating mode (default).
1’b1: XTAL circuit is powered down.
[2:0]
PLL_INPUT_CLK
Selects the input clock to the PLL
3’b:000 No clock is selected
3’b:001 MCLK is selected as PLL input clock
3’b:010 BCK is selected as PLL input clock
3’b:100 XTAL is selected as PLL input clock
All other values are invalid, not allowed
See System Clock XI/MCLK & BCK for more information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com