Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 48 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 48 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 44Page - ESS Technology,Inc ES9219C Datasheet HTML 45Page - ESS Technology,Inc ES9219C Datasheet HTML 46Page - ESS Technology,Inc ES9219C Datasheet HTML 47Page - ESS Technology,Inc ES9219C Datasheet HTML 48Page - ESS Technology,Inc ES9219C Datasheet HTML 49Page - ESS Technology,Inc ES9219C Datasheet HTML 50Page - ESS Technology,Inc ES9219C Datasheet HTML 51Page - ESS Technology,Inc ES9219C Datasheet HTML 52Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
48
1’b1: Disable the internal digital power supply generator.
[1]
SHTOUTb
Disengages the shunt on the output of the amplifier.
1’b0: Shunt on the output of the amplifier is engaged, allowing for protection against clicks while configuring the
amplifier (default).
1’b1: Shunt on the output of the amplifier is disengaged, allowing the amplifier to drive an audio signal.
[0]
SHTINb
Disngages the shunt on the input of the amplifier.
1’b0: Shunt on the input of the amplifier is engaged, allowing for protection against clicks while configuring the
amplifier (default).
1’b1: Shunt on the input of the amplifier is disengaged.
Register 47: ANALOG CONTROL OVERRIDE 3
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
ENFCB
ENCP_OE
ENAUX_OE
CPL_ENS
CPL_ENW
SEL3V3_PS
ENSM_PS
SEL3V3_CPH
Bits
Mnemonic
Description
[7]
ENFCB
Enables the fast charge of the analog reference.
1’b0: The analog reference will be charged as quickly as possible (default).
1’b1: The analog reference will be charged at a slower rate.
[6]
ENCP_OE
Allows the digital core to override the charge pump settings.
1’b0: The charge pump settings are controlled via the GPIO2 pin (default).
1’b1: The charge pump settings are controlled via the digital override bits.
[5]
ENAUX_OE
Allows the digital core to override the output switch settings.
1’b0: The output switch is controlled via the GPIO2 pin (default).
1’b1: The output switch is controlled via the enaux register.
[4]
CPL_ENS
Enables the small charge pump and places it into strong mode. The small charge pump powers the pre-amplifier of
the headphone amp.
1’b0: The small charge pump (strong mode) is disabled (default).
1’b1: The small charge pump (strong mode) is enabled.
Note: encp_oe must be set to 1’b1 for the digital core to control the charge pump.
[3]
CPL_ENW
Enables the small charge pump and places it into weak mode. The small charge pump powers the pre-amplifier of
the headphone amp.
1’b0: The small charge pump (weak mode) is disabled (default).
1’b1: The small charge pump (weak mode) is enabled.
Note: encp_oe must be set to 1’b1 for the digital core to control the charge pump.
[2]
SEL3V3_PS
Configures the voltage of the positive power supply of the output stage.
1’b0: Uses 1.8V for the positive power supply of the output stage (default).
1’b1: Uses 3.3V for the positive power supply of the output stage.
[1]
ENSM_PS
Allows for a smooth transition between 1.8V and 3.3V on the positive power supply. This bit should be configured
to 1’b0 immediately before changing the sel3v3_ps bit.
Once sel3v3_ps has been set to the required value, then ensm_ps can be set back to 1’b1 for normal operation.
1’b0: Configure the positive supply for a transition between 1.8V and 3.3V (default).
1’b1: Normal operation.
[0]
SEL3V3_CPH
Configures the voltage of the negative power supply of the output stage.
1’b0: Uses 1.8V for the negative power supply of the output stage (default).
1’b1: Uses 3.3V for the negative power supply of the output stage.
Register 48: ANALOG CONTROL SIGNALS
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com