Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 9 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 9 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 5Page - ESS Technology,Inc ES9219C Datasheet HTML 6Page - ESS Technology,Inc ES9219C Datasheet HTML 7Page - ESS Technology,Inc ES9219C Datasheet HTML 8Page - ESS Technology,Inc ES9219C Datasheet HTML 9Page - ESS Technology,Inc ES9219C Datasheet HTML 10Page - ESS Technology,Inc ES9219C Datasheet HTML 11Page - ESS Technology,Inc ES9219C Datasheet HTML 12Page - ESS Technology,Inc ES9219C Datasheet HTML 13Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
9
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
42 CSP Pin Descriptions
Pin
Name
Pin Type
Reset State
Pin Description
A1
XOUT
AO
Floating
XTAL output
A2
XIN
AI
Floating
XTAL / MCLK input
A3
VCCA
Power
Power
Analog 1.8V/3.3V for OSC and on-chip AVCC_DAC regulator.
A4
AUX_R
AI
-
Auxiliary analog input (Right Channel)
A5
OUT_R
AO
-
Amplifier output (Right Channel)
A6
AGND_HP
Ground
Ground
Amplifier analog ground
B1
RT1
I
Tri-stated
Reserved. Must be connected to DGND for normal operation.
B2
ADDR
I
Tri-stated
I2C address select.
B3
SCL
I
Tri-stated
I2C serial clock input.
B4
INB_R
AI
-
Amplifier differential inverting input (Right Channel)
B5
IN_R
AI
-
Amplifier differential non-inverting input (Right Channel)
B6
AGND_CP
Ground
Ground
Charge pump analog ground.
C1
SDA
I/O
Tri-stated
I2C serial data input/output.
C2
RESETB
I
1’b0
Power down. Active low.
C3
GSN_R
-
-
Amplifier load ground sense. Right Channel
C4
AGND
Ground
Ground
DAC analog ground
C5
PNEG_VC
Power
Power
AVC negative supply. Internally supplied.
C6
PNEG
Power
Power
Amplifier negative supply. Internally supplied.
D1
DATA_CLK
I/O
Tri-stated
Slave Mode: Input for PCM Bit Clock or DSD Bit Clock,
Master Mode: Output for PCM Bit Clock
D2
DATA1
I/O
Tri-stated
Slave Mode: Input for PCM Frame Clock or Input for DSD Data1 (Left Channel) Master
Mode: Output for PCM Frame Clock
D3
GSN_L
-
-
Amplifier load ground sense. Left channel.
D4
JDET_TIP
AI
Audio Jack Tip connection for Jack detection
D5
C2_VC
-
-
AVC charge pump negative flying capacitor pin.
D6
C2
-
-
Amplifier charge pump negative flying capacitor pin.
E1
GPIO1
I/O
Tri-stated
GPIO 1
E2
DATA_2
I
Tri-stated
PCM Data Ch1+Ch2 or DSD Data2 (Right Channel)
E3
EJD
AI
External Jack Detection Connection
E4
AGND
Ground
Ground
DAC analog ground
E5
C1_VC
-
-
AVC charge pump positive flying capacitor pin.
E6
C1
-
-
Amplifier charge pump positive flying capacitor pin.
F1
DVDD
Power
Power
Digital core supply. Internally supplied.
F2
GPIO2
I/O
Tri-stated
GPIO 2 *special function in standby* (Aux. Path)
F3
AVCC_DAC
Power
Power
DAC analog supply. Internally supplied.
F4
INB_L
AI
-
Amplifier differential inverting input (Left Channel)
F5
IN_L
AI
-
Amplifier differential non-inverting input (Left Channel)
F6
AVCC18
Power
Power
Analog 1.8V supply for Amplifier, switch, AVC and charge pumps.
G1
DGND
Ground
Ground
Digital ground.
G2
AVDD
Power
Power
Digital 1.8V/3.3V supply for I/O and on-chip DVDD regulator.
G3
VREF
Power
Power
Low Noise reference for on-chip AVCC_DAC regulator.
G4
AUX_L
AI
-
Auxiliary analog input (Left Channel)
G5
OUT_L
AO
-
Amplifier output (Left Channel).
G6
AVCC33
Power
Power
Analog 3.3V supply for Amplifier, switch, AVC and charge pumps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com