Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 7Page - ESS Technology,Inc ES9219C Datasheet HTML 8Page - ESS Technology,Inc ES9219C Datasheet HTML 9Page - ESS Technology,Inc ES9219C Datasheet HTML 10Page - ESS Technology,Inc ES9219C Datasheet HTML 11Page - ESS Technology,Inc ES9219C Datasheet HTML 12Page - ESS Technology,Inc ES9219C Datasheet HTML 13Page - ESS Technology,Inc ES9219C Datasheet HTML 14Page - ESS Technology,Inc ES9219C Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
11
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Master Mode
The DAC can be configured for master mode operation using Register 10: MASTER MODE AND SYNC CONFIGURATION.
Register 1: Input selections (0x01) input_select must also be set to either DSD or Serial mode. Auto Select will not work correctly in master mode.
DATA_CLK frequency can be configured using one of the following methods:
1. Set the desired master_div in Register 10: MASTER MODE AND SYNC CONFIGURATION.
OR
2. Use NCO mode to set CLK/FSR ratio with Register 34-37: Programmable NCO (0x22 – 0x25). When NCO mode is enabled it has
precedence and the master_div setting will be ignored.
An available GPIO pin can be configured to output CLK using Register 8: GPIO1-2 CONFIGURATION. GPIO1 is recommended for this purpose
since GPIO2 is used to control Low Power Bypass mode.
Contact your local FAE for DoP master mode support.
SLAVE PCM MODE
BCK(Bit Clock)
LRCK(Frame Clock)
SIN(Serial PCM Data)
DATA_CLK
DATA1
DATA2
MASTER PCM MODE
BCK(Bit Clock)
LRCK(Frame Clock)
SIN(Serial PCM Data)
DATA_CLK
DATA1
DATA2
MCLK(Master Clock)
GPIO1
SLAVE DSD MODE
DSD DATA_CLK
DSD DATA1 (L)
DSD DATA2 (R)
DATA_CLK
DATA1
DATA2
MASTER DSD MODE
DSD DATA_CLK
DSD DATA1 (L)
DSD DATA2 (R)
DATA_CLK
DATA1
DATA2
MCLK (Master Clock)
GPIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com