Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219C Datasheet(PDF) 59 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 59 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 55Page - ESS Technology,Inc ES9219C Datasheet HTML 56Page - ESS Technology,Inc ES9219C Datasheet HTML 57Page - ESS Technology,Inc ES9219C Datasheet HTML 58Page - ESS Technology,Inc ES9219C Datasheet HTML 59Page - ESS Technology,Inc ES9219C Datasheet HTML 60Page - ESS Technology,Inc ES9219C Datasheet HTML 61Page - ESS Technology,Inc ES9219C Datasheet HTML 62Page - ESS Technology,Inc ES9219C Datasheet HTML 63Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
59
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Synchronous I2C Interface (0x94 or 0x96)
These registers are write only.
Register 192: SOFT_RESET
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:1]
[0]
Mnemonic
RESERVED
AO_SOFT_RESET
Bits
Mnemonic
Description
[7:1]
RESERVED
NA
[0]
AO_SOFT_RESET
Software configurable hardware reset with the ability to reset the design to its initial power-on configuration.
1’b0: normal operation (default)
1’b1: resets the Sabre to its power-on defaults
Note: This register will always read as “1’b0” as the power-on default for this register is “1’b0”. A reset can
be verified by checking the status of other modified registers.
Register 193: PLL CONFIG1
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4:0]
Mnemonic
PLL_CP_PDB
PLL_VCO_PDB
RESERVED
PLL_VCO_BIAS_SEL
Bits
Mnemonic
Description
[7]
PLL_CP_PDB
Enables/disables the PLL charge pump.
1’b0: Disabled (default)
1’b0: Enabled
Enable BEFORE PLL_VCO_PDB
[6]
PLL_VCO_PDB
Enables/disables the PLL voltage-controlled oscillator (VCO).
1’b0: Disabled (default)
1’b0: Enabled
Enable AFTER PLL_CP_PDB
[5]
RESERVED
NA
[4:0]
PLL_VCO_BIAS_SEL
Sets the VCO output and op-amp bias currents.
VCO V2I Op-Amp Bias Current:
5’b000xx: Vtune/45kΩ (default)
5’b001xx: Vtune/40kΩ
5’b010xx: Vtune/35kΩ
5’b011xx: Vtune/30kΩ
5’b100xx: Vtune/80kΩ
5’b101xx: Vtune/70kΩ
5’b110xx: Vtune/60kΩ
5’b111xx: Vtune/50kΩ
VCO V2I Output Current:
5’bxxx00: 2.0uA (default)
5’bxxx01: 1.5uA
5’bxxx10: 1.0uA
5’bxxx11: 0.5uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com