Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 125 page
background image
Data Sheet
ADIN2111
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. 0 | 24 of 125
(PHY 1) and P1_SWPD_EN (PHY 2) hardware configuration pin
signals.
Switch Initialization
After power-up, hardware reset, or software reset, the ADIN2111
switch can be configured via the SPI. Configure the Interrupt Mask
Register 0 (IMASK0) register and the mask bits for driving the
interrupt pin (IMASK1) register to enable interrupts as required.
Write CONFIG0 and CONFIG2 to set up the required functionality
of the switch. For example, set the OPEN Alliance chunk size or
enable cut through, if required.
When the switch is configured, write 1 to the SYNC field in the
CONFIG0 register to indicate that the switch configuration is com-
plete.
By default, the switch drops all frames after power up. The default
frame forwarding operation of the switch can be configured via
the P1_FWD_UNK2P2, P2_FWD_UNK2P1, P1_FWD_UNK2HOST,
and P2_FWD_UNK2HOST bits in the Configuration Register 2
(CONFIG2). The filtering table also needs to be configured. See the
Frame Forwarding on Receive section for more details.
Configuring the Device for Linking
After power-up or reset, configure the ADIN2111 for the desired
operation for linking. The ADIN2111 may already be configured as
required by the hardware configuration pins, but greater control is
available using the management registers via the SPI.
The autonegotiation process is used to match the operating mode
between a local and remote PHY. For example, autonegotiation is
used to ensure that the modes agree between the two devices on
which PHY operates as master and which as slave. Autonegotiation
is also used to match the transmit level between the two PHYs.
Autonegotiation is enabled by default for the ADIN2111 PHYs,
and it is strongly recommended to always keep autonegotiation
enabled. Autonegotiation is defined by the IEEE standard and in-
cludes a number of mechanisms to ensure robust linking operation
between PHYs. Autonegotiation is the fastest way to bring up a link.
Configuration of Transmit Level Mode
The ADIN2111 PHYs can support transmit level operation at either
1.0 V p-p or 2.4 V p-p if the B10L_TX_LVL_HI_ABLE bit in
the 10BASE-T1L PMA status register (B10L_PMA_STAT) on the
respective PHY is set to 1 and a 3.3 V supply is provided on the
AVDD_H pins. The higher transmit level can support longer reach
but also has higher power consumption.
The ADIN2111 PHYs can support 1.0 V p-p transmit level operation
with a 1.8 V supply on the AVDD_H pins at very low power
consumption.
Each PHY of the ADIN2111 can either be configured to advertise
support of both 1.0 V p-p and 2.4 V p-p transmit level operation or
to advertise support of only 1.0 V p-p transmit level operation. Refer
to the Transmit Level Mode Advertisement section for more details.
1.0 V p-p transmit level operation is required for intrinsically safe
operation.
Enable High Voltage Transmit Ability
The high voltage transmit ability is set on Port 1 (respectively Port
2) using the P1_TX2P4_EN (respectively P2_TX2P4_EN) hardware
configuration pin signal. This signal internally sets the high voltage
transmit ability bit B10L_TX_LVL_HI_ABLE (read only), for each
PHY, as described in the Transmit Amplitude section.
Enable 1.0 V p-p and 2.4 V p-p Transmit Levels
To allow both 1.0 V p-p and 2.4 V p-p transmit level operation,
set the 10BASE-T1L high level transmit operating mode ability bit
(AN_ADV_B10L_TX_LVL_HI_ABL) in the BASE-T1 autonegotiation
advertisement register, Bits[47:32] (AN_ADV_ABILITY_H) to 1 to
indicate that the device is capable of 2.4 V p-p transmit level
operation. A 3.3 V supply is required on the AVDD_H pins.
Set 2.4 V p-p Transmit Level as Preferred
If 2.4 V p-p transmit level operation is preferred on PHY 1 or PHY
2, set the 10BASE-T1L high level transmit operating mode request
bit (AN_ADV_B10L_TX_LVL_HI_REQ) in the BASE-T1 autonego-
tiation advertisement register, Bits[47:32] (AN_ADV_ABILITY_H) to
1 on the respective PHY.
Set 1.0 V p-p Transmit Level as Preferred
If 1.0 V p-p transmit level operation is preferred on PHY
1 or PHY 2, set the AN_ADV_B10L_TX_LVL_HI_REQ bit in
the BASE-T1 autonegotiation advertisement register, Bits[47:32]
(AN_ADV_B10L_TX_LVL_HI_REQ) to 0 on the respective PHY.
Note that autonegotiation determines the transmit level at which the
link operates.
Enable 1.0 V p-p Transmit Level Only
If it is required to only operate the PHY 1 or PHY 2 at the 1.0
V p-p transmit level operation, set the 10BASE-T1L high level trans-
mit operating mode ability bit (AN_ADV_B10L_TX_LVL_HI_ABL)
in the BASE-T1 autonegotiation advertisement register, Bits[47:32]
(AN_ADV_ABILITY_H) to 0 so that the 2.4 V p-p transmit level
operation is not advertised.
In this case, autonegotiation can only resolve to the 1.0 V p-p
transmit level operation, irrespective of the setting that the remote
PHY advertises. For very long cable lengths, depending on the
characteristics of the cable, it may not be possible to bring up a link
at the 1.0 V p-p operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com