Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 63 of 125
Table 62. Bit Descriptions for TX
Bits
Bit Name
Description
Reset
Access
[31:0]
TDR
Transmit Data Register. Writing to this register adds four bytes to the Host Tx FIFO. Note that the last word of a
frame can only contain less than four bytes of data. The hardware uses MAC_TXF_SIZE to determine if there is
one, two, three, or four bytes valid in the last SPI write of a frame. Only used with the generic SPI protocol.
0x0
W
Tx FIFO Space Register
Address: 0x32, Reset: 0x000007FF, Name: TX_SPACE
Table 63. Bit Descriptions for TX_SPACE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
TX_SPACE
Transmit FIFO Space Available in Half Words (16 Bits). This is used by the host software to determine if there is
space in the Tx FIFO for a frame. Note that the software can queue two frames for transmission and simply wait
for a TX_RDY interrupt, or it can fill the Tx FIFO with multiple frames and use TX_SPACE to determine if there
is space for the next frame. Note that an extra two words of space is needed per frame in the host TX FIFO to
store the frame size and header. For example, if TX_SPACE is 64, the maximum size frame that can be written
is (64 − 2) × 2 bytes = 124 bytes. Only used with the generic SPI protocol.
0x7FF
R
Transmit Threshold Register
Address: 0x34, Reset: 0x00000041, Name: TX_THRESH
Table 64. Bit Descriptions for TX_THRESH
Bits
Bit Name
Description
Reset
Access
[31:12]
RESERVED
Reserved.
0x0
R
[11:6]
P2P_TX_THRESH
Port to Port Transmit Start Threshold in Cut Through. If port to port cut through
(PORT_CUT_THRU_EN) is enabled, this field determines the threshold in half words (16 bits)
at which frame transmission starts when the frames are forwarded from one port to the other. The
range of valid values for this field is 1 to 26 half words.
0x1
R/W
[5:0]
HOST_TX_THRESH
Host Transmit Start Threshold in Cut Through. When cut through on Tx is enabled
(TX_CUT_THRU_EN = 1), this field is used to set the threshold in half words (16 bits) at which
frame transmission starts for frames coming from the host. The range of valid values for this field is
1 to 26 half words.
0x1
R/W
LES Tx Priority Register
Address: 0x35, Reset: 0x00000000, Name: TX_PRI
Table 65. Bit Descriptions for TX_PRI
Bits
Bit Name
Description
Reset
Access
[31:3]
RESERVED
Reserved.
0x0
R
[2:0]
TX_HOST_PRI
Host Transmit Priority. When frames are queued to egress a port from both the host and the other port at the
same time, this field determines the ratio of access to the port. For example, if there is a stream of 128-byte
frames from Port 1 to Port 2, and the host is transmitting a stream of 128-byte frames on Port 2, and this field
is set to H50_P50, 50% of the frames transmitted are from the host.
0x0
R/W
The ratio is based on comparing the recent number of bytes transmitted from the host and the other port. 3
options are available: H50_P50, H100_P0, or H0_P100. Values outside of those listed below are reserved.
000: 50/50 host/port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com