Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 75 of 125
Table 104. Bit Descriptions for P1_TX_BCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_TX_BCAST_CNT
Tx Broadcast Frame Count.
0x0
R
P1 Tx Multicast Frame Count Register
Address: 0xAA, Reset: 0x00000000, Name: P1_TX_MCAST_CNT
Table 105. Bit Descriptions for P1_TX_MCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_TX_MCAST_CNT
Tx Multicast Frame Count.
0x0
R
P1 Tx Unicast Frame Count Register
Address: 0xAB, Reset: 0x00000000, Name: P1_TX_UCAST_CNT
Table 106. Bit Descriptions for P1_TX_UCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_TX_UCAST_CNT
Tx Unicast Frame Count.
0x0
R
P1 Rx Frames Dropped Due to FIFO Full Register
Address: 0xAC, Reset: 0x00000000, Name: P1_RX_DROP_FULL_CNT
Table 107. Bit Descriptions for P1_RX_DROP_FULL_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_DROP_FULL_CNT
Rx Frames Dropped Due to FIFO Full. Note that on LES, if a received frame is destined for
both the host and other port (a flooded frame), and the frame is not forwarded to one of the
destination FIFOs because it is full, the frame is not counted as a dropped frame.That is, if the
frame is flooded, P1_RX_DROP_FULL_CNT only increments if both FIFOs are full.
0x0
R
P1 Rx Frames Dropped Due to Filtering Register
Address: 0xAD, Reset: 0x00000000, Name: P1_RX_DROP_FILT_CNT
Table 108. Bit Descriptions for P1_RX_DROP_FILT_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_DROP_FILT_CNT
Rx Frames Dropped Due to Filtering.
0x0
R
Frame Received on Port 1 with IFG Errors Register
Address: 0xAE, Reset: 0x00000000, Name: P1_RX_IFG_ERR_CNT
Table 109. Bit Descriptions for P1_RX_IFG_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_IFG_ERR_CNT
IFG Error Counter for Port 1 Received Frames.
0x0
R
P1 Transmit Interframe Gap Register
Address: 0xB0, Reset: 0x0000000B, Name: P1_TX_IFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com