Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 80 of 125
This counter does not increment on LES because a PHY error cannot be determined via the reduced media independent interface (RMII).
Instead, PHY errors are seen as CRC errored frames in the MAC. The PHY error counter on the PHY must be read to determine if there are
PHY errors on Port 2.
Table 130. Bit Descriptions for P2_RX_PHY_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_PHY_ERR_CNT
Rx PHY Error Count.
0x0
R
P2 Tx Frame Count Register
Address: 0xD8, Reset: 0x00000000, Name: P2_TX_FRM_CNT
Table 131. Bit Descriptions for P2_TX_FRM_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TX_FRM_CNT
Tx Frame Count.
0x0
R
P2 Tx Broadcast Frame Count Register
Address: 0xD9, Reset: 0x00000000, Name: P2_TX_BCAST_CNT
Table 132. Bit Descriptions for P2_TX_BCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TX_BCAST_CNT
Tx Broadcast Frame Count.
0x0
R
P2 Tx Multicast Frame Count Register
Address: 0xDA, Reset: 0x00000000, Name: P2_TX_MCAST_CNT
Table 133. Bit Descriptions for P2_TX_MCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TX_MCAST_CNT
Tx Multicast Frame Count.
0x0
R
P2 Tx Unicast Frame Count Register
Address: 0xDB, Reset: 0x00000000, Name: P2_TX_UCAST_CNT
Table 134. Bit Descriptions for P2_TX_UCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TX_UCAST_CNT
Tx Unicast Frame Count.
0x0
R
P2 Rx Frames Dropped Due to FIFO Full Register
Address: 0xDC, Reset: 0x00000000, Name: P2_RX_DROP_FULL_CNT
Table 135. Bit Descriptions for P2_RX_DROP_FULL_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_DROP_FULL_CNT
Rx Frames Dropped Due to FIFO Full. Note that on LES, if a received frame is destined for
both the host and other port (a flooded frame), and the frame is not forwarded to one of the
destination FIFOs because it is full, the frame is not counted as a dropped frame. That is, if
the frame is flooded, the P2_RX_DROP_FULL_CNT only increments if both FIFOs are full.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com