Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 125 page
background image
Data Sheet
ADIN2111
HARDWARE CONFIGURATION PINS
analog.com
Rev. 0 | 22 of 125
When software power-down after reset is enabled on a port, the
associated ADIN2111 PHY enters software power-down after pow-
er-up, hardware reset, or software reset. Software power-down
provides a lower power mode where most of the ADIN2111 internal
modules are turned off.
The ADIN2111 PHYs can be configured to exit power-down by
setting the CRSM_SFT_PD bit to 0 using the SPI via the MDIO
bridge.
Following a power-up, hardware reset, or software reset, and if
autonegotiation is enabled and software power-down after reset is
disabled, the respective ADIN2111 PHY starts autonegotiation and
tries to bring up a link.
Table 18. Port 1/Port 2 Software Power-Down (Hardware Configuration)
Px_SWPD_EN
Software Power-Down Configuration
0
PHY in software power-down after reset
1
PHY not in software power-down after reset
Transmit Amplitude
The P1_TX2P4_EN (respectively P2_TX2P4_EN) hardware con-
figuration pin signal is shared with the P1_LED_1 (respectively
P2_LED_1) signal and is used to configure the default transmit
amplitude mode. The transmit amplitude mode is defined by the
pin status during power-up, hardware reset, or software reset as
defined in Table 19 and Table 20.
The Px_TX2P4_EN hardware configuration pin signals also con-
figure the default setting of the high voltage transmit ability bit
(B10L_TX_LVL_HI_ABLE) in the 10BASE-T1L PMA status register
(B10L_PMA_STAT) within the relevant PHY during power-up, hard-
ware reset, or software reset. The B10L_TX_LVL_HI_ABLE bit
reports whether the associated PHY is capable of operating in the
10BASE-T1L high transmit voltage mode, as described in Table 21.
If Px_TX2P4_EN is pulled low during power-up, hardware reset, or
software reset, the 2.4 V p-p transmit operating mode is enabled
and the value of B10L_TX_LVL_HI_ABLE is 1.
If Px_TX2P4_EN is pulled high during power-up, hardware reset, or
software reset, the 2.4 V p-p transmit operating mode is disabled,
and the value of B10L_TX_LVL_HI_ABLE is 0. In that case, the
associated register on the respective PHY cannot be changed
through the SPI. That is, 2.4 V p-p operation is not possible on the
respective PHY if it has been configured for the 1.0 V p-p level only
via the Px_TX2P4_EN pin.
The Px_TX2P4_EN pins have a weak internal pull-down resistor.
Therefore, by default, the ADIN2111 is configured to support both
1.0 V p-p and 2.4 V p-p voltage levels on Port 1 and Port 2.
Table 19. Port 1 Transmit Amplitude Selection (Hardware Configuration)
P1_TX2P4_EN
Transmit Amplitude Selection
0
1.0 V p-p and 2.4 V p-p
1
1.0 V p-p
Table 20. Port 2 Transmit Amplitude Selection (Hardware Configuration)
P2_TX2P4_EN
Transmit Amplitude Selection
0
1.0 V p-p and 2.4 V p-p
1
1.0 V p-p
Table 21. B10L_TX_LVL_HI_ABLE Settings
Bit Setting
Description
0
PHY does not support 10BASE-T1L high voltage (2.4 V p-p)
transmit level operating mode.
1
PHY supports 10BASE-T1L high voltage (2.4 V p-p) transmit
level operating mode.
SPI Protocol Configuration
The ADIN2111 allows the use of a generic SPI protocol with or
without the use of CRC, or the OPEN Alliance SPI protocol with or
without protection.
Table 22. SPI Protocol (Hardware Configuration)
SPI Protocol
SPI_CFG1
SPI_CFG0
OPEN Alliance with Protection
0
0
OPEN Alliance Without Protection
0
1
Generic SPI with 8-bit CRC
1
0
Generic SPI Without 8-bit CRC
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com