Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 56 of 125
Table 48. Bit Descriptions for CONFIG2
Bits
Bit Name
Description
Reset
Access
15
RX_RD_ORDER
Rx Ports Read Order for the OPEN Alliance Data Protocol. On LES, there are two receive
FIFOs on each port. When using the OPEN Alliance SPI protocol and there are frames in
the FIFOs of both ports, the Rx FIFO from which a frame is read/returned to the host can be
controlled via this field.
0x0
R/W
0: Fill level. When using the SPI Data protocol, frames from the FIFO of the port containing
the most data for a particular priority level are returned first. By default, frames from the high
priority FIFO containing the most data are returned first. If the high priority FIFOs are empty,
the frames from the low priority FIFO containing the most data are returned first. .
1: Ping pong. When using the SPI data protocol, a single frame is read from each port in turn,
that is, ping pong between the two ports on a per frame basic. Again by default frames from the
high priority FIFOs are returned first. For example, if Port 1 contains high priority frames and
Port 2 contains only low priority frames, all the high priority frames from Port 1 are read first.
14
P2_FWD_UNK2P1
Forward Frames from Port 2 Not Matching a MAC Address to Port 1. Determines the default
rule for forwarding unknown frames. If a frame has a destination address that does not match a
MAC address, the frame is dropped if this field is 0 and P2_UNK_TO_HOST is 0.
0x0
R/W
13
P1_FWD_UNK2P2
Forward Frames from Port 1 Not Matching a MAC Address to Port 2. Determines the default
rule for forwarding unknown frames. If a frame has a destination address that does not match a
MAC address, the frame is dropped if this field is 0 and P1_UNK_TO_HOST is 0.
0x0
R/W
12
P2_FWD_UNK2HOST
Forward Frames Not Matching Any MAC Address to the Host. Determines the default rule for
forwarding unknown frames. Frames with an unknown destination address are placed in the
low priority FIFO.
0x0
R/W
11
PORT_CUT_THRU_EN
Enable Cut Through from Port to Port. Cut through must be enabled on device configu-
ration before receiving of frames is enabled. That is, enable cut through before setting
Px_FWD_UNK2HOST or Px_FWD_UNK2Px or writing to the ADDR_FILT_x registers.
0x1
R/W
[10:9]
RESERVED
Reserved.
0x0
R/W
8
TX_RDY_ON_EMPTY
Assert TX_RDY When the Tx FIFO is Empty. By default, TX_RDY asserts when a frame
transmits. If this bit is set, TX_RDY asserts when the Tx FIFO is empty. This field is only used
with the generic SPI protocol.
0x0
R/W
7
SFD_DETECT_SRC
Determines If the SFD is Detected in the PHY or MAC.
0x0
R/W
0: select the SFD from the PHY. This option provides the least jitter as the SFD is detected in
the same 120 MHz clock domain as is used in 1588 timer logic.
1: select the SFD from the MAC. The SFD from the MAC is from the 25 MHz clock domain and
results in additional jitter on the SFD detection.
6
STATS_CLR_ON_RD
Statistics Clear on Reading. This field determines if the fol-
lowing registers/counters are cleared on reading: Px_RX_FRM_CNT,
Px_RX_BCAST_CNT, Px_RX_MCAST_CNT, Px_RX_UCAST_CNT, Px_RX_CRC_ERR_CNT,
Px_RX_ALGN_ERR_CNT, Px_RX_LS_ERR_CNT, Px_RX_PHY_ERR_CNT,
Px_TX_FRM_CNT, Px_TX_BCAST_CNT, Px_TX_MCAST_CNT, Px_TX_UCAST_CNT,
Px_RX_DROP_FULL_CNT, Px_RX_DROP_FILT_CNT, Px_RX_IFG_ERR_CNT,
CECC_ERRn.
0x0
R/W
0: statistic counter is not cleared on reading. When the maximum value is reached, the
counters roll over to 0x0.
1: clear statistics counters on reading. If a counter reaches its maximum value, the counter
holds at its maximum until read. When using the generic SPI protocol, the status counters must
be burst read in one SPI transaction to ensure all counters are cleared correctly in sequence.
If a single SPI register/counter is read, it clears and the next counter (address location) also
clears when using the generic SPI protocol.
5
CRC_APPEND
Enable CRC Append in the MAC Tx Path. Enables (1) or disables (0) CRC appendage by
the MAC. If this field is set to 0, the MAC assumes that the host is providing a frame with a
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com