Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 77 of 125
Minimum receive frame length in bytes.
Table 115. Bit Descriptions for P1_RX_MIN_LEN
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
P1_MIN_FRM_LEN
Minimum Frame Length on Receive.
0x40
R/W
P1 Rx Low Priority FIFO Frame Count Register
Address: 0xB8, Reset: 0x00000000, Name: P1_LO_RFC
The number of frames in the receive FIFO.
Table 116. Bit Descriptions for P1_LO_RFC
Bits
Bit Name
Description
Reset
Access
[31:9]
RESERVED
Reserved.
0x0
R
[8:0]
P1_LO_RFC
Receive Frame Count for the Low Priority FIFO. The number of frames in the Rx FIFO. Provided for debug
purposes. In store and forward mode, the host software only needs to know that there is at least one frame
available. See P1_RX_RDY.
0x0
R
P1 Rx High Priority FIFO Frame Count Register
Address: 0xB9, Reset: 0x00000000, Name: P1_HI_RFC
The number of frames in the receive FIFO.
Table 117. Bit Descriptions for P1_HI_RFC
Bits
Bit Name
Description
Reset
Access
[31:9]
RESERVED
Reserved.
0x0
R
[8:0]
P1_HI_RFC
Receive Frame Count for the High Priority FIFO. The number of frames in the Rx FIFO. Provided for debug
purposes. In store and forward mode, the host software only needs to know that there is at least one frame
available. See P1_RX_RDY.
0x0
R
P1 Low Priority Rx FIFO Valid Half Words Register
Address: 0xBA, Reset: 0x00000000, Name: P1_LO_RXSIZE
Number of valid half words (16 bits) in the low priority Rx FIFO.
Table 118. Bit Descriptions for P1_LO_RXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P1_LO_RXSIZE
Data in the Rx FIFO. Number of half words (16 Bits).
0x0
R
P1 High Priority Rx FIFO Valid Half Words Register
Address: 0xBB, Reset: 0x00000000, Name: P1_HI_RXSIZE
Number of valid half words (16 bits) in the high priority Rx FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com