Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 83 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 83 of 125
Table 145. Bit Descriptions for P2_HI_RFC
Bits
Bit Name
Description
Reset
Access
[8:0]
P2_HI_RFC
Receive Frame Count for the High Priority FIFO. The number of frames in the Rx FIFO. Provided for debug
purposes. In store and forward mode, the host software only needs to know that there is at least one frame
available. See P2_RX_RDY.
0x0
R
P2 Low Priority Rx FIFO Valid Half Words Register
Address: 0xEA, Reset: 0x00000000, Name: P2_LO_RXSIZE
Number of valid half words (16 bits) in the low priority Rx FIFO.
Table 146. Bit Descriptions for P2_LO_RXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P2_LO_RXSIZE
Data in the Rx FIFO. Number of half words (16 bits).
0x0
R
P2 High Priority Rx FIFO Valid Half Words Register
Address: 0xEB, Reset: 0x00000000, Name: P2_HI_RXSIZE
Number of valid half words (16 bits) in the high priority Rx FIFO.
Table 147. Bit Descriptions for P2_HI_RXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P2_HI_RXSIZE
Data in the Rx FIFO. Number of half words (16 bits).
0x0
R
P2 to P1 Tx Size Register
Address: 0xEC, Reset: 0x00000000, Name: P2TOP1_TXSIZE
Number of valid half words (16 bits) in Port 2 Tx FIFO to be transmitted to Port 1.
Table 148. Bit Descriptions for P2TOP1_TXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P2TOP1_TXSIZE
Data in Port 2 Tx FIFO. Number of 16-bit words to transmit to Port 2.
0x0
R
Transmit Time Stamp Capture Register A
(High)
Address: 0xF0, Reset: 0x00000000, Name: P2_TTSCAH
This field contains the upper 32 bits of the captured time stamp for
when the requested frame was transmitted.
Table 149. Bit Descriptions for P2_TTSCAH
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TTSCH_A
Port 2 Transmit Time Stamp A, Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register A (Low)
Address: 0xF1, Reset: 0x00000000, Name: P2_TTSCAL
This field contains the lower 32 bits of the captured time stamp for
when the requested frame was transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com