Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 71 of 125
Table 85. Bit Descriptions for TS_CFG
Bits
Bit Name
Description
Reset
Access
4
TS_CAPT_FREE_CNT
Capture the Free Running Counter. When this bit is 1 and FTSS is 0, time stamps are captured from
the 32-bit free running counter.
0x0
R/W
If this bit is 0 and FTSS is 0, 32-bit time stamps as defined in the OPEN Alliance MACPHY
specification are captured.
If FTSS is 1, 64- bit time stamps as defined in the OPEN Alliance MACPHY specification are
captured.
3
TS_TIMER_STOP
Stop Toggling the TS_TIMER Output. Write 1 to this bit to stop the TS_TIMER output toggling and
return it to its default value. Write to the TS_TIMER_START registers to start the TS_TIMER output
signal again.
0x0
W
This bit automatically clears to 0.
2
TS_TIMER_DEF
Default Value for the TS_TIMER Output. To change the default value of the TS_TIMER from 0, write
1 to this field before enabling the TS_TIMER (it is enabled when TS_TSTART is written). Note that
on writing 1 to this register, the TS_TIMER output immediately toggles from 0 to 1. Writing to this
field has no effect if the TS_TIMER is already enabled. If P1_LED_0 is used as the TS_TIMER
output, the default value is dependent on the P1_LED_0 polarity set by the LED0_POLARITY bit
field.
0x0
R/W
1
TS_CLR
Clear the 1588 Time Stamp Counters. Write to 1 to reset the time stamp counters to 0. This field
automatically clears to 0 after it is written to 1. Four counters are cleared, the accumulator, the
nanoseconds counter, the seconds counter, and the free running counter.
0x0
W
0
TS_EN
Enable the 1588 Time Stamp Counter. When this bit is 1, the time stamp counter is enabled and
time stamps are captured for all received frames. The counters are not cleared when TS_EN is 0.
Instead, the counters freeze. Therefore, it is recommended to write to use TS_CLR after disabling
the counters to get them to a known state before starting again.
0x0
R/W
High Period for TS_TIMER Register
Address: 0x85, Reset: 0x00000000, Name: TS_TIMER_HI
Table 86. Bit Descriptions for TS_TIMER_HI
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_TIMER_HI
TS_TIMER High Period. Note that this register must be programmed with a value that is divisible by 16
decimal. This is because the counters are driven by a 120 MHz clock and increment in steps of 16. The
minimum value that can be written to this field is 16 decimal.
0x0
R/W
Low Period for TS_TIMER Register
Address: 0x86, Reset: 0x00000000, Name: TS_TIMER_LO
Table 87. Bit Descriptions for TS_TIMER_LO
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_TIMER_LO
TS_TIMER Low Period. Note that this register must be programmed with a value that is divisible by 16
decimal. This is because the counters are driven by a 120 MHz clock and increment in steps of 16. The
minimum value that can be written to this field is 16 decimal.
0x0
R/W
Quantization Error Correction Register
Address: 0x87, Reset: 0x00000000, Name: TS_TIMER_QE_CORR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com