Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 72 of 125
Table 88. Bit Descriptions for TS_TIMER_QE_CORR
Bits
Bit Name
Description
Reset
Access
[31:8]
RESERVED
Reserved.
0x0
R
[7:0]
TS_TIMER_QE_CORR
TS_TIMER Quantization Error Correction Value. If the required TS_TIMER low and high periods
are not directly divisible by 16, program this field with a value between 0 and 15 to compensate for
the TS_TIMER quantization error.
0x0
R/W
TS_TIMER Counter Start Time Register
Address: 0x88, Reset: 0x00000000, Name: TS_TIMER_START
Point in time at which to start the TS_TIMER counter.
Table 89. Bit Descriptions for TS_TIMER_START
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_TSTART
Point in Time at Which to Start the TS_TIMER Counter. Writing to this register starts the TS_TIMER output. To
start the TS_TIMER output, this field must be written to a value greater than or equal to 16. After the TS_TIMER
starts, writing to TS_TIMER_STOP stops the timer and return the TS_TIMER output to its default value.
0x0
R/W
TS_CAPT Pin 0 Time Stamp Register
Address: 0x89, Reset: 0x00000000, Name: TS_EXT_CAPT0
Time stamp captured on the assertion of the TS_CAPT pin.
Table 90. Bit Descriptions for TS_EXT_CAPT0
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_EXT_CAPTD, Bits[31:0]
Time Stamp Captured on the Assertion of TS_CAPT Pin.
0x0
R
TS_CAPT Pin 1 Time Stamp Register
Address: 0x8A, Reset: 0x00000000, Name: TS_EXT_CAPT1
Time Stamp Captured on the Assertion of the TS_CAPT Pin.
Table 91. Bit Descriptions for TS_EXT_CAPT1
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_EXT_CAPTD, Bits[63:32]
Time Stamp Captured on the Assertion of TS_CAPT Pin.
0x0
R
TS_CAPT Free Running Counter Register
Address: 0x8B, Reset: 0x00000000, Name: TS_FREECNT_CAPT
Capture of the free running counter when TS_CAPT asserts.
Table 92. Bit Descriptions for TS_FREECNT_CAPT
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_CNT_CAPTD
Captured Free Running Counter. This 32-bit counter is captured on the assertion of TS_CAPT pin, as is
TS_EXT_CAPT.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com