Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 79 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 79 of 125
Table 124. Bit Descriptions for P2_RX_BCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_BCAST_CNT
Rx Broadcast Frame Count. This counter increments for received good and bad frames.
0x0
R
P2 Rx Multicast Frame Count Register
Address: 0xD2, Reset: 0x00000000, Name: P2_RX_MCAST_CNT
Table 125. Bit Descriptions for P2_RX_MCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_MCAST_CNT
Rx Multicast Frame Count. This counter increments for received good and bad frames.
0x0
R
P2 Rx Unicast Frame Count Register
Address: 0xD3, Reset: 0x00000000, Name: P2_RX_UCAST_CNT
Table 126. Bit Descriptions for P2_RX_UCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_UCAST_CNT
Rx Unicast Frame Count. This counter increments for received good and bad frames.
0x0
R
P2 Rx CRC Errored Frame Count Register
Address: 0xD4, Reset: 0x00000000, Name: P2_RX_CRC_ERR_CNT
Table 127. Bit Descriptions for P2_RX_CRC_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_CRC_ERR_CNT
Rx CRC Errored Frame Count.
0x0
R
P2 Rx Align Error Count Register
Address: 0xD5, Reset: 0x00000000, Name: P2_RX_ALGN_ERR_CNT
Table 128. Bit Descriptions for P2_RX_ALGN_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_ALGN_ERR_CNT
Rx Align Error Count.
0x0
R
P2 Rx Long/Short Frame Error Count Register
Address: 0xD6, Reset: 0x00000000, Name: P2_RX_LS_ERR_CNT
Table 129. Bit Descriptions for P2_RX_LS_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_LS_ERR_CNT
Rx Long/Short Frame Error Count.
0x0
R
P2 Rx PHY Error Count Register
Address: 0xD7, Reset: 0x00000000, Name: P2_RX_PHY_ERR_CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com