Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 125 page
background image
Data Sheet
ADIN2111
ON-CHIP DIAGNOSTICS
analog.com
Rev. 0 | 28 of 125
Figure 10. ADIN2111 Loopback Modes
FRAME GENERATOR AND CHECKER
The two PHYs on the ADIN2111 can be configured to generate
frames and to check received frames (see Figure 11). The generat-
ing and checking functions can be used together or independently.
If the ADIN2111 PHY 1 (respectively PHY 2) transmitted frames
are looped back at the remote end, the frame checker on PHY
1 (respectively PH Y2) can be used to check the echoed self
generated frames.
Frame Generator
When the frame generator is enabled, the MAC interface is ignored
and the frame generator data is used for transmission on the
MDI pins. To use the frame generator, the diagnostic clock must
also be enabled using the CRSM_DIAG_CLK_EN bit in the CRSM
diagnostics clock control register (CRSM_DIAG_CLK_CTRL).
The frame generator control registers configure the type of frames
to be sent (for example, random data, all 1s), the frame length, and
the number of frames to be generated.
The generation of the requested frames starts by enabling the
frame generator by setting the FG_EN bit in the frame generator
enable register (FG_EN).
When the generation of the frames completes, the frame generator
done bit, FG_DONE, is set in the frame generator done register
(FG_DONE).
Frame Checker
The frame checker is enabled by setting the frame checker enable
bit (FC_EN) in the frame checker enable register (FC_EN). The
frame checker can be configured to check and analyze received
frames from either the MAC interface or the PHY using the frame
checker transmit select bit (FC_TX_SEL) in the frame checker
transmit select register (FC_TX_SEL). The frame checker reports
the number of frames received, CRC errors, and various frame
errors. The frame checker frame counter registers and the frame
checker error counter registers count these events.
Error Counters
The frame checker counts the number of CRC errors, and
these errors are reported in the receive error count register
(RX_ERR_CNT). To ensure synchronization between the frame
checker error counter and frame checker frame counters, all of
the counters are latched when the receive error counter register
is read. Therefore, when using the frame checker, read the re-
ceive error counter first, and then read all other frame counters
and error counters. A latched copy of the receive frame counter
register is available in the frame checker count higher register
(FC_FRM_CNT_H) and the frame checker count low register
(FC_FRM_CNT_L).
In addition to CRC errors, the frame checker counts frame length
errors, frame alignment errors, symbol errors, oversized frames
errors, and undersized frame errors.
The frame checker also counts frames with an odd number of
nibbles in the frame, and counts packets with an odd number of
nibbles in the preamble.
The frame checker also counts the number of false carrier events,
which is a count of the number of times the bad start of stream
delimiter (SSD) state is entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com