Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 69 of 125
Table 77. Bit Descriptions for ADDR_FILT_UPRn
Bits
Bit Name
Description
Reset
Access
0: do not apply to Port 1. Do not apply this table entry/rule to frames received on Port 1.
1: apply to Port 1. Apply this table entry/rule to frames received on Port 1.
[29:20]
RESERVED
Reserved.
0x0
R
19
HOST_PRI
Host Rx Port Priority. On the receive port to the host, there are two FIFOs, a low priority FIFIO and
a high priority FIFO. This field determines which FIFO the frame is placed in. Note that by default
memory resources are provided for a high priority FIFO. However if the memory assigned to the
high priority FIFO is moved to another FIFO by writing to the FIFO_SIZE register, this field must not
be set to 1.
0x0
R/W
0: low priority.
1: high priority.
18
RESERVED
Reserved.
0x0
R
17
TO_OTHER_PORT
Forward Frames Matching this MAC Address to the Other Port.
0x0
R/W
16
TO_HOST
Forward Frames Matching This MAC Address to the Host. If APPLY2PORT1 or APPLY2PORT2 is
set to 1 and TO_HOST is 1, the frames matching this DA from the corresponding port are forwarded
to the host. If TO_HOST is 0 and TO_OTHER_PORT is 0, frames matching the DA for this entry are
dropped.
0x0
R/W
[15:0]
MAC_ADDR, Bits[47:32]
MAC Address.
0x0
R/W
MAC Address DA Filter Lower 32 Bits Registers
Address: 0x51 to 0x6F (Increments of 2), Reset: 0x00000000, Name: ADDR_FILT_LWRn
Contains the lower 32 bits of a MAC address in the DA filter table.
A write to one of these registers must be preceded by a write to the corresponding ADDR_FILT_UPRn register.
Table 78. Bit Descriptions for ADDR_FILT_LWRn
Bits
Bit Name
Description
Reset
Access
[31:0]
MAC_ADDR, Bits[31:0]
MAC Address.
0x0
R/W
Upper 16 Bits of the MAC Address Mask Register
Address: 0x70 to 0x72 (Increments of 2), Reset: 0x0000FFFF, Name: ADDR_MSK_UPRn
The upper 16 bits of a MAC address mask in the DA mask table.
When writing the ADDR_MSK_x registers, all two register locations must be written in order for a given table entry. They must be written in
order with the UPR register written first and the LWR register written last.
Table 79. Bit Descriptions for ADDR_MSK_UPRn
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
MAC_ADDR_MASK, Bits[47:32]
MAC Address Bit Mask for the Address Table.
0xFFFF
R/W
Lower 32 Bits of the MAC Address Mask Register
Address: 0x71 to 0x73 (Increments of 2), Reset: 0xFFFFFFFF, Name: ADDR_MSK_LWRn
The lower 32 bits of a MAC address mask in the DA mask table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com