Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 125 page
background image
Data Sheet
ADIN2111
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 125
External Clock Input
If using a single-ended reference clock on XTAL_I/CLK_IN, leave
XTAL_O open circuit. This clock must be an ac-coupled 0.8 V p-p to
2.5 V p-p sine or (filtered) square wave signal.
In Figure 20, VS p-p is the peak-to-peak voltage of the clock source.
C1 is the series capacitor from the clock source to XTAL_I/CLK_IN.
C2 is the capacitor from XTAL_I/CLK_IN to ground.
If VS p-p < 2.5 V p-p,
►
C2 is not required
►
C1 = 1 nF
If VS p-p ≥ 2.5 V p-p,
►
C2 = 10 pF
►
C1 = 2.5 (13 pF + CPCBx)/(VS p-p – 2.5)
ADIN2111
C1
C2
VS p-p
SIGNAL SWING < 2.5V p-p
Figure 20. External Clock Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com