Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 125 page
background image
Data Sheet
ADIN2111
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. 0 | 25 of 125
When a high level transmit is disabled on PHY1 (respectively
PHY2) through the P1_TX2P4_EN (respectively P2_TX2P4_EN)
pin signal, the AVDD_H supply can be supplied from either 1.8 V or
3.3 V for the 1.0 V p-p transmit level operation.
Transmit Level Mode Advertisement
Enable High Voltage Transmit Ability
The AVDD_H power rail must be provided with a 3.3 V supply for
the ADIN2111 to support the 2.4 V p-p transmit level on Port 1 and
Port 2.
The high voltage transmit ability is enabled on the ADIN2111 PHY
1 (respectively PHY 2) by setting the P1_TX2P4_EN (respective-
ly P2_TX2P4_EN) hardware configuration pin signal low during
power-up, hardware reset, or software reset. The 10BASE-T1L
high voltage transmit ability bit (B10L_TX_LVL_HI_ABLE) in the
10BASE-T1L PMA status register (B10L_PMA_STAT) of the re-
spective PHY is set automatically to the defined hardware configu-
ration as follows:
►
B10L_TX_LVL_HI_ABLE = 0: 1.0 V p-p only ability
►
B10L_TX_LVL_HI_ABLE = 1: 1.0 V p-p and 2.4 V p-p ability
See the Configuration of Transmit Level Mode section for more
details.
Advertise High Voltage Transmit Ability
To advertise the high voltage transmit ability during autonegotia-
tion between PHY 1 (respectively PHY 2) and a link partner,
set the 10BASE-T1L high level transmit operating mode ability
bit (AN_ADV_B10L_TX_LVL_HI_ABL) in the BASE-T1 autonegotia-
tion advertisement register, Bits[47:32] (AN_ADV_ABILITY_H) to 1
on PHY 1 (respectively PHY 2). This bit can only be set if the
ADIN2111 PHY 1 (respectively PHY 2) has the ability to transmit
in high voltage mode (B10L_TX_LVL_HI_ABLE = 1 in the 10BASE-
T1L PMA status register).
High voltage transmit ability only enables the ADIN2111 PHY 1
(respectively PHY 2) to advertise support for both the 2.4 V p-p
and 1.0 V p-p levels. The selected level is determined by autonego-
tiation with the link partner.
See the Transmit Amplitude Advertisement section for more details.
Advertise a Request for High Voltage Transmit
Level
For each PHY, set the 10BASE-T1L high level transmit oper-
ating mode request bit (AN_ADV_B10L_TX_LVL_HI_REQ) in
the BASE-T1 autonegotiation advertisement register, Bits[47:32]
(AN_ADV_ABILITY_H) to 1 to advertise a request for 2.4 V p-p
transmit level operation during autonegotiation. This bit can only
be set if the ADIN2111 respective PHY has the ability to transmit
in high voltage mode (B10L_TX_LVL_HI_ABLE = 1 in the 10BASE-
T1L PMA status register).
See the Transmit Amplitude Advertisement section for more details.
Read Link Partner Advertised Transmit Level
For each PHY, the link partner advertised transmit infor-
mation can be read from the transmit operating mode
ability bit (AN_LP_ADV_B10L_TX_LVL_HI_ABL) and the link
partner high level transmit operating mode request bit
(AN_LP_ADV_B10L_TX_LVL_HI_REQ) in the BASE-T1 autone-
gotiation link partner base page ability register, Bits[47:32]
(AN_LP_ADV_ABILITY_H) of the respective PHY. These bits are
valid when autonegotiation completes (AN_COMPLETE = 1 in the
BASE-T1 autonegotiation status register).
See the Transmit Amplitude Advertisement section for more details.
Completion of Autonegotiation
When autonegotiation completes on PHY 1 or PHY 2, the autone-
gotiation complete indication register bit (AN_LINK_GOOD) in the
extra autonegotiation status register (AN_STATUS_EXTRA) is set
to 1 on the respective PHY. This bit indicates the completion of the
autonegotiation sequence and that the enabled PHY link is setting
up or active.
When autonegotiation completes and the link is up, the autone-
gotiation complete register bit (AN_COMPLETE in the BASE-T1
autonegotiation status register) is set to 1, and the contents of the
following registers are valid on the respective PHY:
►
BASE-T1 autonegotiation advertisement registers:
►
BASE-T1 autonegotiation advertisement register, Bits[15:0]
(AN_ADV_ABILITY_L)
►
BASE-T1 autonegotiation advertisement register, Bits[31:16]
(AN_ADV_ABILITY_M)
►
BASE-T1 autonegotiation advertisement register, Bits[47:32]
(AN_ADV_ABILITY_H)
►
BASE-T1 autonegotiation link partner base page ability registers:
►
BASE-T1 autonegotiation link partner base page ability regis-
ter, Bits[15:0] (AN_LP_ADV_ABILITY_L)
►
BASE-T1 autonegotiation link partner base page ability regis-
ter, Bits[31:16] (AN_LP_ADV_ABILITY_M)
►
BASE-T1 autonegotiation link partner base page ability regis-
ter, Bits[47:32] (AN_LP_ADV_ABILITY_H)
Link Status
The status of each PHY link can be determined by reading the
link status register bit (AN_LINK_STATUS) in the BASE-T1 autone-
gotiation status register (AN_STATUS) of the respective PHY. This
bit latches low.
When read as 1, this bit indicates that a valid link is established.
If this bit reads 0, the link failed since the last time it was read.
This bit latches low. Therefore, if a 0 is read, this bit must be read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com