Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 68 of 125
Table 74. Bit Descriptions for HTX_OVF_FRM_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
HTX_OVF_FRM_CNT
Counts Host Tx Frames Dropped Due to FIFO Overflow.
0x0
R
Address of a Detected ECC Error in Memory Register
Address: 0x42, Reset: 0x00000000, Name: MECC_ERR_ADDR
Table 75. Bit Descriptions for MECC_ERR_ADDR
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
MECC_ERR_ADDR
Address of an Uncorrectable ECC Error in Memory. This is the address of the first uncorrectable ECC
error detected. That is when either RX_ECC_ERR or TX_ECC_ERR assert. When RX_ECC_ERR
and TX_ECC_ERR are cleared, the register is opened to catch the address of the next ECC error.
SRAM is 16 bits wide and this address points to a location in SRAM.
0x0
R
Corrected ECC Error Counters Register
Address: 0x43 to 0x49 (Increments of 1), Reset: 0x00000000, Name: CECC_ERRn
Table 76. Bit Descriptions for CECC_ERRn
Bits
Bit Name
Description
Reset
Access
[31:10]
RESERVED
Reserved.
0x0
R
[9:0]
CECC_ERR_CNT
Corrected ECC Error Count. The seven counters map to FIFOs is as follows:
0x0
R
CECC_ERR0: low priority Rx FIFO for Port 1.
CECC_ERR1: high priority Rx FIFO for Port 2.
CECC_ERR2: low priority Rx FIFO for Port 2 (LES only).
CECC_ERR3: high priority Rx FIFO for Port 2 (LES only).
CECC_ERR4: Tx FIFO from the host.
CECC_ERR5: Port 1 to Port 2 Tx FIFO (LES only).
CECC_ERR6: Port 2 to Port 1 Tx FIFO (LES only).
MAC Address Rule and DA Filter Upper 16 Bits Registers
Address: 0x50 to 0x6E (Increments of 2), Reset: 0x00000000, Name: ADDR_FILT_UPRn
Contains the upper 16 bits of a MAC address and the forwarding rules associated with the MAC address.
When writing the ADDR_FILT_x* registers, two register locations must be written in order for a given table entry.
For example to write table entry 0, the registers must be written in the following order:
1: ADDR_FILT_UPR0.
2: ADDR_FILT_LWR0.
Table 77. Bit Descriptions for ADDR_FILT_UPRn
Bits
Bit Name
Description
Reset
Access
31
APPLY2PORT2
Apply to Port 2.
0x0
R/W
0: do not apply to Port 2. Do not apply this table entry/rule to frames received on Port 2.
1: apply to Port 2. Apply this table entry/rule to frames received on Port 2.
30
APPLY2PORT1
Apply to Port 1.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com