Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 28Page - Analog Devices ADE1201 Datasheet HTML 29Page - Analog Devices ADE1201 Datasheet HTML 30Page - Analog Devices ADE1201 Datasheet HTML 31Page - Analog Devices ADE1201 Datasheet HTML 32Page - Analog Devices ADE1201 Datasheet HTML 33Page - Analog Devices ADE1201 Datasheet HTML 34Page - Analog Devices ADE1201 Datasheet HTML 35Page - Analog Devices ADE1201 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 32 of 40
BINARY CHANNEL CONTROL REGISTER
Address: 0x002, Reset: 0x3610, Name: BIN_CTRL
Binary channel and warning controls for decimation and filter modes.
Table 20. Bit Descriptions for BIN_CTRL
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
LOAD_STANDBY_MODE
Load Standby Mode. In load standby mode the binary channel monitors the load
standby current instead of the ADC voltage values.
0x0
R/W
[13:12]
WARNC_MODE
Comparator Mode.
0x3
R/W
0: hysteretic mode. When the ADC output is greater than the high threshold level
of the comparator, the output is set high. The output is set low when the ADC
output drops below the low threshold level.
1: midrange mode. When the ADC output is less than the high threshold level and
greater than the low threshold level, the comparator output is set high.
10: GT. When the ADC output is greater than the high threshold level, the
comparator output is set high.
11: LT mode. When the ADC output is lower than or equal to the high threshold
level, the comparator output is set high.
[11:10]
WARNB_MODE
Comparator Mode.
0x1
R/W
0: hysteretic mode. When the ADC output is greater than the high threshold level
of the comparator, the output is set high. The output is set low when the ADC
output drops below the low threshold level.
1: midrange mode. When the ADC output is less than the high threshold level and
greater than the low threshold level, the comparator output is set high.
10: GT mode. When the ADC output is greater than the high threshold level, the
comparator output is set high.
11: LT mode. When the ADC output is lower than or equal to the high threshold
level, the comparator output is set high.
[9:8]
WARNA_MODE
Comparator Mode.
0x2
R/W
0: hysteretic mode. When the ADC output is greater than the high threshold level
of the comparator, the output is set high. The output is set low when the ADC
output drops below the low threshold level.
1: midrange mode. When the ADC output is less than the high threshold level and
greater than the low threshold level, the comparator output is set high.
10: GT mode. When the ADC output is greater than the high threshold level, the
comparator output is set high.
11: LT mode. When the ADC output is lower than or equal to the high threshold
level, the comparator output is set high.
[7:6]
BIN_MODE
Comparator Mode.
0x0
R/W
0: hysteretic mode. When the ADC output is greater than the high threshold level
of the comparator, the output is set high. The output is set low when the ADC
output drops below the low threshold level.
1: midrange mode. When the ADC output is less than the high threshold level and
greater than the low threshold level, the comparator output is set high.
10: GT mode. When the ADC output is greater than the high threshold level, the
comparator output is set high.
11: LT mode. When the ADC output is lower than or equal to the high threshold
level, the comparator output is set high.
[5:4]
INVALID_MODE
Invalid Mode. This bit field selects the value driven onto DOUT1 in invalid mode.
0x1
R/W
00: DOUT1 equals the FORCEVAL bit value.
01: DOUT1 equals the binary filter output.
10: DOUT1 toggles value on entering invalid mode.
11: DOUT1 holds current value.
3
FORCEVAL
DOUT1 Value During Invalid Mode.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com