Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 9Page - Analog Devices ADE1201 Datasheet HTML 10Page - Analog Devices ADE1201 Datasheet HTML 11Page - Analog Devices ADE1201 Datasheet HTML 12Page - Analog Devices ADE1201 Datasheet HTML 13Page - Analog Devices ADE1201 Datasheet HTML 14Page - Analog Devices ADE1201 Datasheet HTML 15Page - Analog Devices ADE1201 Datasheet HTML 16Page - Analog Devices ADE1201 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 13 of 40
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.93.0
3.13.23.33.43.5
3.63.7
VDD (V)
Figure 12. IDD vs. VDD
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–50
0
50
100
150
TEMPERATURE (°C)
Figure 13. IDD vs. Temperature
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
020
40
80
120
60
100
TIME (ms)
VDD
VLDO
DOUT1
IRQ
Figure 14. Power-Up of Nonisolated Side (VDD, VLDO, DOUT1, and IRQ Pins)
–1
0
1
2
3
4
5
6
7
8
–0.01
0.01
0.03
0.05
0.07
0.09
0.11
0.13
0.15
TIME (Seconds)
VDD
VDDI
VDDL
GATE
Figure 15. Power-Up of Isolated Side (VDDI, VDDL, and GATE Pins) when
VDD Pin is Supplied on Nonisolated Side
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–1
4
9
14
19
24
34
39
44
29
TIME (ms)
TA = 25°C
VDD = 3.3V
HIGH_CODE = 0x3FF
LOW_CODE = 0x1E
HIGH_TIME = 0xFFF
BIN_FILTER = 0x8096
PL_CTRL = 0
RISE_THR = 0x1E
PROGRAMMABLE
LOAD CURRENT
IN1
DOUT1
0
–50
50
100
150
200
250
Figure 16. Typical Input, Digital Output, and Programmable Load Current Signals
(IN1, DOUT1, and Programmable Load Current on Channel 1) in Low Idle Mode
–1
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
TIME (ms)
IN1
LOAD1
GATE
TA =25°C
VDD = 3.3V
HIGH_CODE = 0x3FF
LOW_CODE = 0x1E
HIGH_TIME = 0xFFF
BIN_FILTER = 0x8096
PL_CTRL = 0
RISE_THR = 0x1E
Figure 17. Typical Input, Gate, and LOAD1 Signals when External FET
Conducting (IN1, Gate, LOAD1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com